Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1ME252012H-R33MF

  • AI
    The **1ME252012H-R33MF** is a specific part number typically associated with a **Molded Power Inductor**. These components are widely used in modern electronics for DC-DC power conversion and noise filtering. Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.33 µH (indicated by "R33") | | **Tolerance** | ±20% (indicated by "M") | | **Package Size** | 2520 (2.5mm x 2.0mm) | | **Height** | 1.2mm (indicated by "12") | | **Core Material** | Metal Alloy (Molded) | | **Operating Temp** | -40°C to +125°C (typical) | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps in identifying the component's physical and electrical limits: * **1ME**: Series designator (often referring to Miniature Molded Inductors). * **2520**: Dimensions in millimeters ($2.5 \times 2.0$ mm). * **12**: Maximum height ($1.2$ mm). * **H**: High-current or high-performance rating. * **R33**: Inductance value (R = decimal point, so $0.33$ microhenries). * **M**: Tolerance (M = $\pm 20\%$). * **F**: Lead-free / RoHS compliant designation. --- ### 3. Construction and Features The "Molded" style of this inductor offers several advantages over traditional wire-wound ferrite inductors: 1. **Magnetic Shielding**: The metal powder core completely surrounds the copper coil, resulting in very low magnetic leakage (EMI). 2. **High Saturation Current**: Unlike ferrite, metal alloy cores saturate "softly," meaning they don't lose inductance abruptly when current spikes. 3. **Low DCR**: The design allows for low Direct Current Resistance, which minimizes heat loss and improves efficiency. 4. **Durability**: The molded body provides excellent resistance against mechanical shock and vibration. --- ### 4. Common Applications Due to its small footprint (2520) and low inductance (0.33µH), this part is ideal for high-frequency switching regulators: * **Smartphones & Tablets**: Local power rails for CPUs and GPUs. * **SSD Drives**: Power management for high-speed data storage. * **IoT Devices**: Efficient power conversion in battery-operated sensors. * **DC-DC Converters**: Buck, Boost, and Buck-Boost topologies. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for this specific inductor?
    • ⤷ How does a metal alloy core compare to a ferrite core in power electronics?
    • ⤷ What are the recommended soldering profiles for 2520 sized surface mount inductors?