Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1N39B

  • AI
    The **1N39B** is a vintage **Germanium Point-Contact Diode**. These components were widely used in the early days of electronics for high-frequency signal detection and low-power switching. While largely replaced by silicon diodes (like the 1N4148) in modern applications, they remain relevant in specialized radio and audio circuits. --- ### Technical Specifications The following table outlines the typical electrical characteristics of the 1N39B: | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Material** | Germanium | Allows for lower forward voltage drop. | | **Peak Inverse Voltage (PIV)** | 100V | The maximum reverse voltage it can withstand. | | **Forward Current (If)** | 50mA | Maximum continuous current in forward bias. | | **Forward Voltage Drop (Vf)** | ~0.3V - 1.0V | significantly lower than silicon (0.7V). | | **Reverse Current (Ir)** | 100µA - 200µA | Higher leakage compared to silicon diodes. | | **Operating Temperature** | -55°C to +75°C | Sensitive to heat. | --- ### Key Features and Construction #### 1. Point-Contact Design Unlike modern "junction" diodes, the 1N39B uses a fine metal wire (cat's whisker) pressed against a small crystal of N-type germanium. This creates a very small junction area. #### 2. Low Junction Capacitance Due to the tiny contact point, the internal capacitance is extremely low. This allows the diode to switch on and off very quickly, making it excellent for **Radio Frequency (RF)** applications. #### 3. Low Forward Voltage Germanium diodes begin conducting at roughly **0.2V to 0.3V**, whereas silicon diodes require **0.7V**. This makes them ideal for detecting very weak radio signals. --- ### Common Applications * **AM Radio Detectors:** Used to extract audio signals from high-frequency carrier waves. * **Crystal Radio Sets:** Often used because they don't require an external power source to conduct small signals. * **Audio Clipping/Distortion:** Guitar pedals use them for "soft" clipping to produce a vintage, warm overdrive sound. * **Logic Gates:** Found in legacy computer circuits (Diode-Resistor Logic). --- ### Critical Considerations * **Heat Sensitivity:** Germanium is much more sensitive to heat than silicon. Overheating the leads during soldering can permanently damage the internal contact point. * **Reverse Leakage:** These diodes leak a small amount of current when reverse-biased, which must be accounted for in precision circuit design.
    ✨ Follow-up Questions
    • How does the 1N39B compare to the more common 1N34A diode?
    • Can a silicon diode like the 1N4148 replace a 1N39B in a radio circuit?
    • What are the best practices for soldering germanium diodes to avoid heat damage?