Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1N4003...

  • AI
    --- # 1N4003 Silicon Rectifier Diode The **1N4003** is a member of the popular 1N400x series of silicon rectifier diodes. It is a general-purpose component primarily used for converting Alternating Current (AC) to Direct Current (DC) in power supplies. --- ## 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the 1N4003 diode: | Parameter | Specification | | :--- | :--- | | **Diode Type** | Rectifier (PN Junction) | | **Package Type** | DO-41 (Axial Lead) | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 200V | | **Maximum RMS Voltage ($V_{RMS}$)** | 140V | | **Max Average Forward Rectified Current ($I_F$)** | 1.0 Ampere | | **Peak Forward Surge Current ($I_{FSM}$)** | 30 Amperes (8.3ms half sine-wave) | | **Forward Voltage Drop ($V_F$)** | 1.1V @ 1.0A | | **Operating Temperature Range** | -65°C to +175°C | --- ## 2. Physical Characteristics and Identification * **Polarity:** The component features a cylindrical body with a **silver band** printed on one end. This band indicates the **Cathode** (negative side). The opposite end is the **Anode** (positive side). * **Encapsulation:** It is typically housed in a flame-retardant epoxy case (UL 94V-0 rated). --- ## 3. Common Applications The 1N4003 is chosen for circuits where the peak reverse voltage does not exceed 200V. Common use cases include: 1. **Rectification:** Full-wave and half-wave bridge rectifiers for battery chargers and power adapters. 2. **Freewheeling Diode:** Protecting circuits from inductive voltage spikes (flyback) when switching off relays or motors. 3. **Reverse Polarity Protection:** Preventing damage to a circuit if a battery or DC source is connected backward. 4. **Voltage Clamping:** Limiting voltage levels in specific circuit stages. --- ## 4. Comparison within the 1N400x Series All diodes in this series share the same 1.0A current rating but differ in their **Voltage Handling** capabilities: | Model | Max Reverse Voltage ($V_{RRM}$) | | :--- | :--- | | 1N4001 | 50V | | 1N4002 | 100V | | **1N4003** | **200V** | | 1N4004 | 400V | | 1N4007 | 1000V | --- ## 5. Circuit Implementation Example ```python # Conceptual representation of a Half-Wave Rectifier # Input: 12V AC # Diode: 1N4003 # Result: Positive pulses of DC (approx 10.9V peak due to 1.1V drop) Circuit = { "Input": "AC Source (Live)", "Component": "1N4003 Anode", "Output": "1N4003 Cathode -> Load -> Ground" } ```
    ✨ Follow-up Questions
    • ⤷ What is the main difference between a 1N4003 and a 1N4007 diode?
    • ⤷ Can I use a 1N4003 diode in a high-speed switching application?
    • ⤷ How does temperature affect the forward voltage drop of the 1N4003?