Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1N5253B..

  • AI
    ### Overview of the 1N5253B Zener Diode The **1N5253B** is a high-precision silicon planar Zener diode. It is primarily designed for voltage regulation, clipping circuits, and protection against overvoltage in electronic circuits. The "B" suffix typically indicates a **±5% tolerance** on the Zener voltage. --- ### Key Technical Specifications The following table summarizes the electrical characteristics of the 1N5253B: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Nominal Zener Voltage** | $V_Z$ | 25 | Volts | | **Power Dissipation** | $P_D$ | 500 | Milliwatts (mW) | | **Voltage Tolerance** | - | ±5% | - | | **Zener Test Current** | $I_{ZT}$ | 5.0 | Milliamps (mA) | | **Maximum Zener Impedance** | $Z_{ZT}$ | 35 | Ohms ($\Omega$) | | **Maximum Reverse Leakage Current** | $I_R$ | 0.1 | Microamps ($\mu$A) @ 19V | | **Operating Temperature** | $T_J$ | -65 to +200 | °C | --- ### Physical Characteristics and Pinout * **Package Type:** DO-35 (Axial Lead Glass Package). * **Polarity:** The cathode is indicated by a **black band** painted on the glass body. * **Mounting:** Through-hole technology (THT). --- ### How it Functions in a Circuit The 1N5253B operates in the **reverse bias** region. Unlike standard diodes that block current in reverse, a Zener diode is designed to break down at a specific voltage ($V_Z = 25V$). 1. **Voltage Regulation:** When the input voltage exceeds 25V, the diode begins to conduct, maintaining a steady 25V across its terminals. 2. **Protection:** It acts as a "pressure relief valve" for electronics, shunting excess voltage to ground to protect sensitive components downstream. #### Basic Application Circuit To use this diode, you must pair it with a current-limiting resistor ($R_S$) to prevent the diode from exceeding its 500mW power rating. ```text [Input Voltage Vin] ---- [Resistor Rs] ----+---- [Output Vo = 25V] | [1N5253B] (Connected in Reverse) | [Ground] ``` --- ### Common Alternatives If the 1N5253B is unavailable, these parts share similar characteristics: * **1N4749A:** 24V Zener, but rated for higher power (1 Watt). * **BZX55C25:** 25V Zener in a similar DO-35 package, often used in European designs. * **MMSZ5253B:** The Surface Mount (SMD) equivalent in a SOD-123 package.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct series resistor value for a 1N5253B?
    • ⤷What is the difference between the 1N5253B and the 1N5253A?
    • ⤷Can this diode be used in a series configuration to achieve a higher voltage?