Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1N6300AG

  • AI
    ## Overview of the 1N6300AG The **1N6300AG** is a high-reliability **Transient Voltage Suppressor (TVS) Diode**. It is primarily designed to protect sensitive electronic circuits from high-voltage transients, such as those caused by Electrostatic Discharge (ESD), Inductive Load Switching, or Lightning strikes. The "G" suffix typically denotes that the component is Lead-Free or complies with Green/RoHS standards. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Transient Voltage Suppressor (TVS) | | **Directionality** | Unidirectional | | **Peak Pulse Power ($P_{pp}$)** | 1500 Watts (at 10/1000 µs) | | **Standoff Voltage ($V_{wm}$)** | 12.8 Volts | | **Breakdown Voltage ($V_{br}$)** | 14.3 V to 15.8 V | | **Clamping Voltage ($V_{c}$)** | 21.2 Volts (Max) | | **Package Type** | Axial Lead (Glass/Plastic encapsulated) | | **Operating Temperature** | -65°C to +175°C | --- ### Functional Characteristics 1. **High Surge Capacity:** Capable of handling up to 1500W of peak power for short durations (1ms), making it ideal for robust industrial and military applications. 2. **Fast Response Time:** TVS diodes like the 1N6300AG respond to overvoltage conditions in picoseconds, effectively "clamping" the voltage before it damages other components. 3. **Unidirectional Protection:** This specific model protects against surges in one direction. In a reverse-bias setup, it remains "off" until the voltage exceeds the breakdown threshold. 4. **Low Leakage:** Under normal operating conditions (at or below $V_{wm}$), the diode draws minimal current, ensuring energy efficiency. --- ### Typical Applications * **Power Supplies:** Used to protect input rails from spikes. * **Military and Aerospace:** Often found in high-reliability systems due to the 1N series standardization (JAN/JANTX levels). * **Communication Lines:** Protecting data ports from ESD. * **Inductive Kickback Protection:** Absorbing energy from motors or solenoids when they are switched off. --- ### Circuit Symbol and Connection In a standard circuit, the 1N6300AG is placed in **parallel** with the load it is protecting. ```mermaid graph LR Input(+) --- Diode(1N6300AG) Diode --- GND Input(+) --- Load Load --- GND ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1N6300AG and the bidirectional version?
    • ⤷ How does the clamping voltage differ from the breakdown voltage in this diode?
    • ⤷ What are the common package alternatives for surface mount (SMD) versions of this part?