Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1SS355L-CB2-R

  • AI
    The **1SS355L-CB2-R** is a high-speed switching diode commonly used in consumer electronics, automotive modules, and signal processing. It is designed for low-voltage, high-frequency switching applications. --- ## 1. Core Specifications The following table summarizes the key electrical and physical characteristics of the 1SS355L-CB2-R. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Switching Diode | High-speed silicon epitaxial planar diode | | **Max Reverse Voltage ($V_R$)** | 80V | Maximum voltage it can block in reverse bias | | **Forward Current ($I_F$)** | 100mA | Continuous current it can handle forward | | **Reverse Recovery Time ($t_{rr}$)** | 4.0ns (Max) | Time taken to stop conducting after bias swap | | **Power Dissipation ($P_d$)** | 100mW - 150mW | Total power the package can dissipate | | **Package Type** | SOD-523 / SC-79 | Ultra-small surface mount package | | **Capacitance ($C_t$)** | 1.2pF | Internal capacitance at 0.5V | --- ## 2. Key Features * **High-Speed Switching:** With a $t_{rr}$ of only 4 nanoseconds, it is ideal for high-frequency signal processing. * **Miniature Footprint:** The SOD-523 package is extremely small, making it suitable for high-density circuit boards (smartphones, tablets). * **Low Capacitance:** Minimizes signal distortion in high-speed data lines. * **Reliability:** Typically features high reliability for general-purpose switching. --- ## 3. Applications The 1SS355L-CB2-R is versatile and generally found in the following circuits: 1. **Signal Clamping:** Protecting sensitive IC inputs from voltage spikes. 2. **Logic Gates:** Used in simple diode-transistor logic (DTL) circuits. 3. **High-Speed Rectification:** Small-scale AC to DC conversion in signal paths. 4. **Mobile Devices:** Power management and signal routing where space is at a premium. --- ## 4. Marking and Orientation In the SOD-523 package, the component usually features a small bar or line on one side of the body. * **Cathode Mark:** The line indicates the Cathode (-) terminal. * **Anode:** The opposite side is the Anode (+).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the 1SS355L-CB2-R?
    • ⤷ Can you explain the importance of reverse recovery time in switching diodes?
    • ⤷ What is the thermal resistance rating for the SOD-523 package?