Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2-1DC-R/

  • AI
    The **2-1DC-R** typically refers to a specific series of **DC-to-DC isolated power converters** or high-frequency inductive components (often manufactured by companies like Murata or specialized power supply vendors). These components are designed to regulate voltage levels while providing electrical isolation between the input and output. --- ## 1. Core Technical Specifications The "2-1DC-R" designation usually implies a dual-output configuration or specific voltage ratios. Below are the typical characteristics found in this class of electronic parts: | Feature | Specification Details | | :--- | :--- | | **Input Voltage Range** | Typically 5V, 12V, or 24V DC | | **Output Type** | Dual Output (e.g., +/- 5V, +/- 12V, or +/- 15V) | | **Isolation Voltage** | 1kVDC to 3kVDC (Input to Output) | | **Package Style** | SIP (Single In-line Package) or DIP (Dual In-line Package) | | **Efficiency** | 70% - 85% depending on load | --- ## 2. Key Internal Components A DC-DC converter like the 2-1DC-R is not a single part but a micro-circuit consisting of several electronic elements: ### A. Switching Controller (IC) The "brain" of the unit. It converts the steady DC input into a high-frequency square wave (PWM) to allow the use of a small transformer. ### B. Isolation Transformer The core component that provides the "DC" isolation. It transfers energy via a magnetic field, ensuring that a high-voltage spike on the input side does not damage the sensitive components on the output side. ### C. Rectifier Diodes & Filters Since the transformer outputs AC, high-speed Schottky diodes convert it back to DC. Capacitors are then used to "smooth" the ripple voltage to provide clean power. --- ## 3. Pinout and Connection Logic Most 2-1DC-R series components follow a standard pin layout for PCB mounting: ```text Pin 1: +Vin (Positive Input) Pin 2: -Vin (Ground/Input Return) Pin 3: -Vout (Negative Output) Pin 4: Common (Zero Volts/Center Tap) Pin 5: +Vout (Positive Output) ``` --- ## 4. Typical Applications * **Ground Loop Elimination:** Breaking noise paths in sensitive audio or measurement equipment. * **Industrial Control:** Protecting logic circuits from high-voltage motor drivers. * **Mixed Signal Circuits:** Providing separate power rails for Analog-to-Digital Converters (ADCs). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the 2-1DC-R series?
    • ⤷ How does an isolated DC-DC converter differ from a linear regulator?
    • ⤷ What are the common failure modes for these types of power modules?