Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2-B6-R

  • AI
    The term **2-B6-R** is typically used as a specific part number or a series designation for electronic components, most commonly associated with **Wirewound Resistors** or specific **Power Modules**. Below is a detailed breakdown of what this part usually represents in the electronics industry, specifically focusing on the common naming conventions used by manufacturers like *Bourns* or *TE Connectivity*. --- ### 1. General Component Specifications If "2-B6-R" refers to a standard wirewound resistor or a specific terminal configuration, the attributes are generally categorized as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Passive (Resistor) or Electromechanical (Terminal/Connector) | | **Power Rating** | Often indicates a 2-Watt or 2-Amp capacity depending on the series. | | **Tolerance** | "B" or "R" suffixes often denote tolerance (±0.1%) or RoHS compliance. | | **Material** | Metal Oxide or Ceramic casing for heat dissipation. | --- ### 2. Common Technical Breakdown (By Character) In many electronic coding systems (like the MIL-SPEC or specific manufacturer standards), the alphanumeric code breaks down as follows: 1. **"2"**: Usually indicates the physical size or the wattage (e.g., 2 Watts). 2. **"B"**: Frequently represents the **Tolerance Code**. In the standard EIA code, 'B' stands for **±0.1%**. 3. **"6"**: The resistance value or a series identifier. 4. **"R"**: Usually stands for **RoHS Compliant** (Lead-free) or indicates the decimal point in a resistance value (e.g., 2R6 = 2.6 Ohms). --- ### 3. Application Use Cases Components with these designations are typically found in the following circuits: * **Power Supplies:** Used as shunt resistors for current sensing. * **Industrial Controllers:** High-precision timing or voltage division. * **Audio Equipment:** Used in crossover networks where low noise and high stability are required. * **Automotive Electronics:** Heavy-duty terminals or resistors designed for vibration resistance. --- ### 4. Visual Identification * **Color:** Usually green, grey, or white (ceramic). * **Mounting:** Often Through-Hole (Axial leads) or Bolt-on for heat sink mounting. * **Markings:** The code "2-B6-R" is often laser-etched or printed on the body of the part. > **Note:** Because "2-B6-R" can be a partial SKU for several manufacturers, it is highly recommended to check the **Manufacturer's Logo** on the part to confirm the exact datasheet.
    ✨ Follow-up Questions
    • ⤷Which manufacturer produced this specific 2-B6-R part?
    • ⤷ What is the specific resistance value in Ohms for this component?
    • ⤷ Is this part intended for surface mount (SMD) or through-hole (THT) assembly?