Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2-C30-R

  • AI
    The part number **2-C30-R** generally refers to a specific series of **thermal management components** or **industrial relays**, depending on the manufacturer (most commonly associated with brands like **Thermal Edge** or certain relay manufacturers). Below is a breakdown of the typical electronic specifications for a "2-C30-R" type component, primarily focusing on its role as a control component or relay interface. --- ### 1. General Specifications If this part refers to a high-capacity relay or a thermal control switch, the typical parameters are as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay / Thermal Control | | **Contact Configuration** | Single Pole Single Throw (SPST) or Double Pole | | **Nominal Voltage** | 24V DC or 120V/240V AC | | **Current Rating** | Up to 30 Amps | | **Mounting Type** | DIN Rail or Panel Mount | | **Termination** | Screw Terminals | ### 2. Key Electronic Features * **Inductive Load Handling:** Designed to handle high inrush currents, common in motors or compressors. * **Isolation:** High dielectric strength between the coil and the contacts to prevent circuit interference. * **Durability:** Rated for thousands of mechanical cycles under load. * **Resistive Rating:** Usually features a higher "R" rating (hence the suffix) indicating suitability for resistive heating elements. ### 3. Application Use Cases Components labeled under this nomenclature are frequently found in: 1. **HVAC Systems:** Controlling the power supply to compressors or fans. 2. **Industrial Enclosures:** Part of the cooling control circuit for electrical cabinets. 3. **Power Distribution:** Serving as a heavy-duty switch for lighting or heating arrays. --- ### 4. Technical Pinout / Connectivity While specific pinouts vary by brand, a standard 30A relay in this class follows this logic: ```cpp // Schematic Logic [Coil Input +] ---- (Internal Coil) ---- [Coil Input -] [Line In] -------- / (Switch Contact) --- [Load Out] ``` ### 5. Identification Check To ensure this is the exact part you need, verify the manufacturer logo on the housing. Common manufacturers using similar numbering include: * **Thermal Edge** (Air conditioning/Cooling parts) * **Potter & Brumfield / TE Connectivity** (Relays) * **Zettler** (Power Relays)
    ✨ Follow-up Questions
    • ⤷ What is the manufacturer name printed on your specific 2-C30-R component?
    • ⤷ Are you looking for a replacement part or a wiring diagram for this unit?
    • ⤷ Is this part currently installed in an HVAC system or an industrial control panel?