Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2-D4-R2

  • AI
    The **2-D4-R2** is a specific technical designation typically referring to a **dual-axis (2D) analog joystick module** with a built-in tactile switch (the "R2" or button function). These components are widely used in gaming controllers, robotics, and industrial interfaces. --- ### 1. Core Component Breakdown The module functions through three main electronic subdivisions: | Component | Function | Electrical Output | | :--- | :--- | :--- | | **Dual Potentiometers** | Measures X and Y tilt | Variable Analog Voltage (0V - VCC) | | **Tactile Switch** | Detects vertical "clicks" | Digital Logic (High/Low) | | **Spring Return** | Resets stick to center | Mechanical Force | ### 2. Technical Specifications Most 2-D4-R2 modules operate within these standard parameters: - **Resistance:** Usually 10kΩ per potentiometer. - **Operating Voltage:** 3.3V to 5V DC. - **Rotation Angle:** ~60 degrees (total travel). - **Life Cycle:** ~1,000,000 cycles for potentiometers; ~100,000 for the switch. ### 3. Pinout Configuration The module usually features a 5-pin interface for easy integration with microcontrollers like Arduino or ESP32: 1. **GND:** Ground. 2. **+5V / VCC:** Power supply. 3. **VRx:** Output voltage for the Horizontal (X) axis. 4. **VRy:** Output voltage for the Vertical (Y) axis. 5. **SW:** Output for the Push-button (Tactile switch). ### 4. Basic Wiring Example (C++ / Arduino) To read the data from the electronic parts, you can use the following logic: ```cpp const int pinX = A0; // Connect to VRx const int pinY = A1; // Connect to VRy const int pinSW = 2; // Connect to SW void setup() { pinMode(pinSW, INPUT_PULLUP); Serial.begin(9600); } void loop() { int xVal = analogRead(pinX); int yVal = analogRead(pinY); int swVal = digitalRead(pinSW); Serial.print("X: "); Serial.print(xVal); Serial.print(" | Y: "); Serial.print(yVal); Serial.print(" | Button: "); Serial.println(swVal); delay(100); } ``` --- ### 5. Common Use Cases * **Gamepads:** Providing directional input for movement and camera control. * **RC Transmitters:** Controlling drone pitch, roll, and yaw. * **Robotic Grippers:** Using the analog values to map the speed of motor movement.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the center 'deadzone' for this joystick in code?
    • ⤷ What are the differences between analog and digital Hall-effect joysticks?
    • ⤷ Can this module be powered by a 3.3V logic level without signal degradation?