Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2-R10-

  • AI
    The term **"2-R10"** (often seen as **2R10**) in electronics typically refers to one of two things: a specific **battery type** (the Duplex battery) or a **resistor value code**. --- ### 1. The 2R10 Battery (Duplex Battery) The 2R10 is a classic "Duplex" dry cell battery. It is essentially two 1.5V R10 cells connected in series inside a single cardboard or plastic casing. | Specification | Details | | :--- | :--- | | **Voltage** | 3.0 Volts | | **Chemistry** | Zinc-Carbon | | **Shape** | Cylindrical (Longer than a C-cell, thinner) | | **Dimensions** | Approx. 21.8mm (Diameter) x 74.6mm (Height) | | **Common Uses** | Vintage flashlights, classic test equipment, and some Geiger counters. | **Historical Context:** This battery was very popular in Europe (especially Germany) for high-quality flashlights produced by companies like Pertrix. While less common today, alkaline versions are still manufactured for enthusiasts restoring vintage electronics. --- ### 2. Resistor Marking (2R10) In the world of Surface Mount Device (SMD) components, "2R10" is a code used to denote the resistance value. * **The "R" represents the decimal point.** * **The digits represent the value in Ohms ($\Omega$).** #### Calculation: $$2 \text{ (Digit)} + \text{R (Decimal)} + 10 \text{ (Digits)} = 2.10 \Omega$$ | Code | Value | Meaning | | :--- | :--- | :--- | | **2R10** | 2.1 Ohms | A very low resistance value. | | **R210** | 0.21 Ohms | If the R is at the front. | | **210R** | 210 Ohms | Sometimes used in older schematic notations. | --- ### 3. Comparison of Applications Depending on whether you are looking at a battery or a component on a circuit board, the function differs significantly: | Feature | 2R10 Battery | 2R10 Resistor | | :--- | :--- | :--- | | **Primary Function** | Power Source | Current Limiting / Voltage Drop | | **Energy Type** | Chemical Potential | Passive Resistance | | **Installation** | Battery Compartment | Soldered to PCB | | **Polarity** | Has Positive (+) and Negative (-) | Non-polar (direction doesn't matter) | ---
    ✨ Follow-up Questions
    • ⤷ How can I replace a vintage 2R10 battery using modern AA batteries?
    • ⤷ What is the power rating (wattage) of a typical 2R10 SMD resistor?
    • ⤷ Are there lithium versions of the 3V 2R10 battery available?