Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 20-6000-R

  • AI
    The part number **20-6000-R** typically refers to a high-performance **RF (Radio Frequency) Termination** (also known as a dummy load) manufactured by companies like **Barry Industries**. These components are designed to dissipate electrical power in RF circuits while maintaining a specific impedance (usually 50 Ohms) to prevent signal reflections. --- ### 1. Key Technical Specifications The "R" suffix often denotes "RoHS Compliance" (lead-free). Below are the typical technical parameters for this series: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Flanged RF Termination | | **Resistance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 4.0 GHz | | **Power Rating** | 60 Watts (when properly heat-sinked) | | **Tolerance** | ± 5% | | **Mounting Style** | Bolt-on Flange | | **Substrate Material** | Beryllium Oxide (BeO) or Aluminum Nitride (AlN) | --- ### 2. Functional Description In RF engineering, the 20-6000-R serves as a "sink" for energy. * **Impedance Matching:** It ensures that the circuit sees a consistent load, which minimizes the **Voltage Standing Wave Ratio (VSWR)**. * **Heat Dissipation:** It converts RF energy into heat. Because it is a "Flanged" part, it must be bolted to a metal chassis or heat sink to prevent the component from burning out. * **Lead Attachment:** It features a single tab (lead) for signal input, while the metal flange acts as the electrical ground. --- ### 3. Common Applications These parts are used in high-reliability environments where signal integrity is critical: 1. **Isolators/Circulators:** Used as the "dump" load for reflected power in protective circuitry. 2. **Power Dividers:** Terminating unused ports in Wilkinson power dividers. 3. **Broadcast Equipment:** Used in FM/TV transmitters to manage signal overflow. 4. **Military & Aerospace:** Integrated into radar and communication modules due to its rugged flanged design. --- ### 4. Installation Best Practices To ensure the 20-6000-R operates at its rated 60W capacity, follow these guidelines: * **Thermal Paste:** Apply a thin layer of thermal compound between the flange and the heat sink. * **Flatness:** Ensure the mounting surface is perfectly flat to avoid mechanical stress on the ceramic substrate. * **Soldering:** Use high-temperature solder for the lead tab, ensuring the connection is as short as possible to minimize inductance.
    ✨ Follow-up Questions
    • ⤷ What are the differences between BeO and AlN substrates for this part?
    • ⤷ How do I calculate the heat sink requirements for a 60W RF load?
    • ⤷ Can this part be used in circuits exceeding 4.0 GHz?