Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 200ST01-R1

  • AI
    The **200ST01-R1** typically refers to a specialized **VFD (Vacuum Fluorescent Display)** module or a specific **LCD driver/interface board** often found in industrial equipment or legacy computer peripherals. Below is a technical breakdown of its electronic characteristics and typical components. --- ### 1. Technical Specifications Overview This component is generally characterized by its high-contrast display capabilities and specific communication protocols. | Feature | Specification (Typical) | | :--- | :--- | | **Display Type** | VFD (Vacuum Fluorescent Display) / Character LCD | | **Interface** | Parallel (8-bit) or Serial (SPI/UART) | | **Operating Voltage** | 5V DC (Logic) / High Voltage (for Filament/Grid) | | **Operating Temperature** | -20°C to +70°C | | **Character Matrix** | 20 columns x 1 row (standard configuration) | --- ### 2. Key Electronic Parts & Components The "R1" designation usually indicates a specific hardware revision. The module consists of the following subsystems: #### A. The Display Panel (Glass Tube) * **Anodes (Segments):** Coated with phosphor that glows when struck by electrons. * **Grids:** Control which characters are active. * **Filament (Cathode):** Fine tungsten wires that emit electrons when heated. #### B. Driver Integrated Circuits (ICs) * **Level Shifters:** Convert low-voltage logic signals (5V) to the high-voltage (20V-60V) required to drive the VFD segments. * **Character Generator (ROM):** Stores the font maps (ASCII characters) so the controller knows which segments to light up for a "A" or "1". #### C. Power Management Circuitry * **DC-DC Converter:** Since VFDs require higher voltages than standard logic boards, the R1 module usually contains an onboard transformer or charge pump to boost the 5V input to the necessary grid/anode voltages. --- ### 3. Pinout & Connectivity The 200ST01-R1 typically utilizes a standard header (often 14 or 16 pins). | Pin No. | Function | Description | | :--- | :--- | :--- | | 1 | **VSS** | Ground (0V) | | 2 | **VDD** | Logic Supply (+5V) | | 3 | **V0 / NC** | Contrast Adjustment or No Connect | | 4 | **RS** | Register Select (Command/Data) | | 5 | **R/W** | Read/Write Signal | | 6 | **E** | Enable Signal | | 7-14 | **DB0-DB7** | Data Bus (8-bit) | --- ### 4. Application Use Cases * **Point of Sale (POS):** Customer-facing price displays. * **Industrial Controls:** Status readouts for CNC machines or PLC units. * **Audio Equipment:** Volume and track indicators in vintage or high-end receivers. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements for the 200ST01-R1 filament?
    • ⤷ Is the 200ST01-R1 pin-compatible with standard HD44780 LCD controllers?
    • ⤷ How do you troubleshoot a dim or flickering VFD segment on this module?