Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2012LED

  • AI
    The term **2012 LED** refers to a specific Surface Mount Device (SMD) package size commonly used in electronics. The numbers "2012" describe the physical dimensions of the component in the metric system. --- ### 1. Physical Dimensions The nomenclature follows the standard SMD package coding system. For a 2012 LED, the dimensions are: | Attribute | Metric (mm) | Imperial (inch) | | :--- | :--- | :--- | | **Length** | 2.0 mm | 0.08 inch | | **Width** | 1.25 mm | 0.05 inch | | **Height** | 0.4 mm - 1.1 mm | Variable | > **Note:** In the Imperial system, this package is equivalent to the **0805** size. --- ### 2. Electrical Characteristics While specific ratings depend on the color and manufacturer, most 2012 LEDs follow these general parameters: * **Forward Current ($I_f$):** Typically 10mA to 20mA. * **Forward Voltage ($V_f$):** * **Red/Yellow/Orange:** 1.8V – 2.2V * **Blue/Green/White:** 3.0V – 3.4V * **Power Dissipation:** Generally around 60mW to 100mW. --- ### 3. Anatomical Parts of a 2012 LED A 2012 SMD LED consists of several internal components integrated into the small package: 1. **LED Chip (Die):** The semiconductor material that emits light (e.g., GaN or AlGaInP). 2. **Substrate/Frame:** A ceramic or epoxy PCB base that holds the chip. 3. **Electrodes (Terminals):** Two metal pads (Anode and Cathode) on the bottom or sides for soldering to a PCB. 4. **Wire Bond:** A tiny gold wire connecting the chip to the electrodes. 5. **Encapsulant:** A clear or diffused epoxy/silicone resin that protects the chip and helps distribute light. --- ### 4. Comparison Table: 2012 (Metric) vs. Others | Package Code | Dimensions (mm) | Common Use Case | | :--- | :--- | :--- | | **1608 (0603)** | 1.6 x 0.8 | Tiny status indicators in phones. | | **2012 (0805)** | **2.0 x 1.25** | **General purpose, easy to hand-solder.** | | **3216 (1206)** | 3.2 x 1.6 | Larger pads, higher power dissipation. | --- ### 5. Soldering and Usage The 2012 size is highly popular among hobbyists and prototyping because it is the "sweet spot" size: it is small enough for modern electronics but large enough to be soldered by hand with a fine-tip soldering iron and tweezers. **Polarity Identification:** * **Top view:** Often has a small green mark or notch on the cathode (-) side. * **Bottom view:** A "T" shaped or triangular marking usually points toward the cathode. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between 2012 and 0805 LED naming?
    • ⤷ How do I calculate the resistor needed for a 2012 LED?
    • ⤷ Which side of a 2012 SMD LED is the cathode?