Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 209..

  • AI
    It appears you are referring to the **209 series** of electronic components. In the electronics industry, "209" most commonly refers to specific standardized footprints (packages) or series of passive components like resistors and capacitors. Below is an overview of the most common electronic parts associated with the "209" designation. --- ### 1. Case Code 209 (Imperial vs. Metric) In surface-mount technology (SMT), components are sized by their dimensions. While "209" is less common than "0805" or "1206," it often appears in specialized tantalum capacitor or inductor sizing. | Metric Code | Imperial Equivalent | Dimensions (mm) | Common Components | | :--- | :--- | :--- | :--- | | **209** | 0803 (Approx) | 2.0 x 0.9 mm | Small-signal diodes, LEDs | | **EIA 209** | - | Varied | Tantalum capacitors (Case P/R) | ### 2. Common Integrated Circuits (ICs) with "209" Several famous semiconductors use the "209" digits in their part numbers. * **MAX209**: A specialized IC from Maxim Integrated used for **RS-232** serial communication. It typically operates at +5V and contains charge-pump voltage converters. * **LM209**: A classic **5V Voltage Regulator**. It is the industrial-grade version of the LM309, designed to provide a local 5V supply for logic circuits. * **74LS209**: A digital logic chip (Registers/Flip-flops), though less common than the 74LS74 series. --- ### 3. Physical Packages: The TO-209 Transistors and Thyristors often use the **TO-209** (Transistor Outline) package. These are large, high-power packages designed for industrial applications. | Package Type | Characteristics | Typical Usage | | :--- | :--- | :--- | | **TO-209AB** | Stud-mount, metal header | High-current Thyristors (SCRs) | | **TO-209AC** | Large metal "Hockey Puck" or Stud | Industrial Rectifiers | --- ### 4. Comparison of 209 Series Components If you are looking at a circuit board and see "209" printed, it could be one of the following: | Component Type | Label Prefix | Function | | :--- | :--- | :--- | | **Resistor** | R209 | Current limiting or voltage division | | **Capacitor** | C209 | Decoupling or filtering noise | | **Diode** | D209 | Rectification or protection | | **Inductor** | L209 | Energy storage or EMI filtering | --- ### Summary of Identification If you have a physical part marked "209," check the following: 1. **If it has 3 pins and a metal tab:** It is likely a **TO-209** power semiconductor. 2. **If it is a small black 8-16 pin chip:** It is likely a communication IC like the **MAX209**. 3. **If it is a tiny rectangular chip:** It is likely an **0803/209 metric** passive component.
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific brand like Maxim or Texas Instruments?
    • ⤷ Is '209' the package size or a part number printed on the component?
    • ⤷ Would you like the pinout diagram for the LM209 or MAX209?