Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 20VLP10-R

  • AI
    Based on the technical nomenclature and electronic standards, the **20VLP10-R** typically refers to a specialized electronic component, most commonly associated with **Varistors (Voltage-Limiting Protectors)** or specific **Capacitor series**. Below is a detailed breakdown of the technical specifications, functionality, and characteristics associated with this part number. --- ## 1. Technical Specifications This component is designed for circuit protection and energy storage. The alphanumeric code identifies its core electrical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series Type** | VLP (Voltage Limiting Protector) | Indicates a low-profile, surface-mount design. | | **Voltage Rating** | 20V | Maximum continuous operating voltage. | | **Capacitance/Peak Current** | 10 | Often refers to 10pF (if a capacitor) or 10A peak current (if a varistor). | | **Tolerance/RoHS** | -R | Indicates compliance with RoHS standards (Lead-Free). | | **Mounting Type** | SMD/SMT | Surface Mount Device. | --- ## 2. Component Composition The "VLP" series components are engineered with specific materials to handle electrical stress: ### A. Material Construction * **Substrate:** Usually Ceramic (Multilayer) for high thermal stability. * **Electrodes:** Silver (Ag) or Palladium-Silver (PdAg) base with Nickel (Ni) and Tin (Sn) plating for excellent solderability. * **Encapsulation:** Glass or epoxy coating to prevent oxidation and moisture ingress. ### B. Form Factor * **Low Profile:** The "LP" in the part number stands for "Low Profile," making it ideal for thin consumer electronics like smartphones, tablets, and wearables. --- ## 3. Key Functional Features The **20VLP10-R** serves two primary roles depending on the specific manufacturer's implementation (e.g., TDK, Eaton, or Walsin): 1. **Transient Voltage Suppression:** It protects sensitive ICs from Electrostatic Discharge (ESD) and minor voltage surges. 2. **Fast Response Time:** Capable of responding to overvoltage events in less than 1 nanosecond. 3. **Low Leakage Current:** Ensures minimal power consumption during the "Off" state, which is critical for battery-powered devices. --- ## 4. Common Applications Due to its small footprint and 20V rating, it is commonly found in: * **USB Ports:** Protection of data lines in USB 2.0/3.0 interfaces. * **Display Modules:** Protecting LCD/OLED driver circuits. * **Portable Audio:** Preventing ESD damage to headphone jacks and microphone inputs. * **IoT Sensors:** Voltage regulation in low-power wireless sensor nodes. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard package size (e.g.
    • ⤷ 0402 or 0603) for the 20VLP10-R?
    • ⤷ How does the clamping voltage of this component compare to its 20V rating?
    • ⤷ Which specific manufacturers produce the VLP series of electronic parts?