Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2110-R

  • AI
    The **2110-R** typically refers to the **Keithley 2110-R 5.5-Digit Dual-Display Digital Multimeter (DMM)**. This device is a high-precision measurement instrument used in electronic design, manufacturing, and education. Below is an explanation of its key electronic components, features, and technical specifications. --- ### 1. Core Measurement Capabilities The 2110-R is designed for high-speed, high-accuracy measurements. It features 15 measurement functions. | Function | Description | | :--- | :--- | | **DC/AC Voltage** | Measures potential difference up to 1000V (DC) or 750V (AC). | | **DC/AC Current** | Measures current flow; 10A range available for high-power circuits. | | **Resistance** | Supports both 2-wire and 4-wire (Kelvin) sensing for precision. | | **Capacitance** | Range from 1nF to 100µF. | | **Temperature** | Supports RTD, Thermistor, and Thermocouple probes. | --- ### 2. Key Internal Hardware Features #### A. Dual-Display System Unlike standard multimeters, the 2110-R features a dual-line display. This allows the user to view two different measurements simultaneously (e.g., DC voltage and AC ripple) from a single test connection, reducing the need for multiple instruments. #### B. High-Speed Analog-to-Digital Converter (ADC) The internal ADC is capable of high throughput: * **Up to 50,000 readings per second** at 4.5-digit resolution. * This makes it suitable for capturing transient signals or high-volume automated testing. #### C. Rear Panel Connectivity (The "-R" Designation) The **"R"** in 2110-R signifies **Rear Input Terminals**. * Standard 2110 models have inputs on the front. * The 2110-R includes an extra set of terminals on the back, which is essential for **rack-mounting** in automated test equipment (ATE) systems to keep cabling organized behind the equipment. --- ### 3. Communication Interfaces The device acts as a programmable node in an automated environment using the following ports: * **USB 2.0 (TMC):** For high-speed data transfer to a PC. * **GPIB (Optional):** Used for legacy laboratory integration. * **Trigger Link:** Allows the DMM to synchronize with other instruments (like power supplies or switch matrices). --- ### 4. Comparison Summary | Feature | Specification | | :--- | :--- | | **Resolution** | 5.5 Digits | | **DCV Accuracy** | 0.012% (1-year) | | **Reading Speed** | 50,000 rdgs/s (at 4.5 digits) | | **Interface** | USB (Standard), LXI/GPIB (Optional) | | **Software** | KI Tool, KI Link (Excel Add-in) | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 2-wire and 4-wire resistance measurement on the 2110-R?
    • ⤷ How do I program the 2110-R using Python or LabVIEW?
    • ⤷ What is the maximum voltage and current the 2110-R can safely handle?