Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2111663205

  • AI
    The identifier **2111663205** is a specialized part number primarily associated with the automotive industry, specifically for **Mercedes-Benz** vehicles. It refers to a critical electronic control component. --- ## 1. Part Specification This part is a **Climate Control Module (HVAC Control Unit)**. It serves as the "brain" for the vehicle's heating, ventilation, and air conditioning system. ### Technical Details | Feature | Description | | :--- | :--- | | **Manufacturer** | Mercedes-Benz (Original Equipment Manufacturer) | | **Vehicle Chassis** | W211 (E-Class) and C219 (CLS-Class) | | **Years of Use** | Approximately 2003–2009 | | **System Type** | Digital Climate Control (Thermatic/Thermotronic) | --- ## 2. Electronic Functions The 2111663205 module is not just a set of buttons; it is a complex electronic interface that manages the following: * **CAN-Bus Communication:** It communicates with the vehicle’s Central Gateway (CGW) and Front SAM (Signal Acquisition Module) to exchange data about engine temperature, battery voltage, and outside ambient air. * **Sensor Processing:** It interprets data from internal temperature sensors, humidity sensors, and sun-load sensors to automatically adjust airflow. * **Actuator Control:** It sends electrical signals to various stepper motors that open and close air flaps (defrost, footwell, vents). * **Variable Compressor Control:** It manages the electronic displacement of the A/C compressor to maintain cabin temperature efficiently without cycling the clutch on and off constantly. --- ## 3. Common Failure Points Like many electronic modules of this era, this unit can experience specific issues: 1. **LCD Backlight Failure:** The internal LEDs or the liquid crystal display may dim or bleed over time. 2. **Button Stickiness/Failure:** The tactile switches behind the plastic fascia can wear out or become unresponsive due to dust or liquid spills. 3. **Communication Errors:** Faults in the internal solder joints can lead to "No Communication" errors on diagnostic tools (like Xentry/DAS), resulting in the A/C not blowing cold air. --- ## 4. Replacement and Programming If replacing this electronic part, keep the following in mind: * **Coding:** Used units may require "Version Coding" using a STAR Diagnostic system to match the specific features of your car (e.g., whether you have a 4-zone or 2-zone system). * **Compatibility:** Part numbers for these units are often superceded. Newer versions (like 211830xxxx) might be backward compatible, but the 2111663205 is the specific hardware revision for early-to-mid W211 models.
    ✨ Follow-up Questions
    • ⤷ How do I test if this specific module is faulty using a multimeter?
    • ⤷ Are there newer part numbers that can replace 2111663205?
    • ⤷ What are the common error codes associated with this HVAC unit?