Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2143-R

  • AI
    The **2143-R** typically refers to a high-precision, industrial-grade **resistive sensing element** or a specific **potentiometric position sensor** commonly used in aerospace, medical, and heavy machinery applications. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The 2143-R is designed for high reliability in harsh environments. Here are the typical electrical parameters associated with this component class: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Precision Potentiometer / Position Sensor | | **Resistance Range** | Often 5kΩ or 10kΩ (±10% Tolerance) | | **Linearity** | ±0.5% to ±1.0% | | **Power Rating** | 0.5 Watts to 1.0 Watt at 70°C | | **Operating Temperature** | -55°C to +125°C | | **Rotational Life** | Up to 10 million cycles | --- ## 2. Key Electronic Components & Construction The "R" suffix usually denotes **Robustness** or a specific **Resistance** configuration. The assembly consists of several critical sub-parts: ### A. Resistive Element * **Material:** Usually made of **Conductive Plastic** or **Cermet** (Ceramic-Metal). * **Function:** Provides a smooth, continuous voltage output rather than discrete steps (like a wirewound version). ### B. Wiper Assembly * **Material:** Precious metal alloys (Gold/Silver/Palladium). * **Function:** Slides across the resistive element to track position. Multi-finger wipers are used in the 2143-R series to minimize electrical noise and contact resistance. ### C. Housing and Terminals * **Sealing:** Often rated IP65 or higher to prevent moisture ingress. * **Terminals:** Gold-plated solder lugs or PC pins for high-conductivity connections. --- ## 3. Electrical Pinout and Wiring Most 2143-R sensors utilize a standard 3-wire configuration. ```arduino // Typical Potentiometric Connection: Pin 1: Input Voltage (Vcc / Reference) Pin 2: Output Signal (Wiper / Variable Voltage) Pin 3: Ground (GND) ``` --- ## 4. Common Applications Due to its "R" (Ruggedized) designation, this part is found in: 1. **Fly-by-wire controls:** Providing feedback for cockpit levers. 2. **Medical Imaging:** Positioning of X-ray or MRI tables. 3. **Industrial Valves:** Tracking the exact percentage of a valve opening.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your 2143-R component (e.g.
    • ⤷ Vishay
    • ⤷ Bourns
    • ⤷ or BEI)?
    • ⤷ Are you looking for a replacement part or a datasheet for circuit integration?
    • ⤷ Do you need the mechanical mounting dimensions for this specific sensor?