Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 215-R

  • AI
    The **215-R** typically refers to a series of electronic components, most commonly associated with specialized **SMD (Surface Mount Device) Resistors** or specific **Integrated Circuit (IC) variants** used in industrial power supplies and automotive electronics. ### 1. Common Specifications (SMD Resistor Case) In many electronic catalogs, "215-R" denotes a resistor with a resistance value of **215 Ohms**. If it follows the standard SMD marking code: * **Code:** 2150 (on 4-digit markings) or "215R" in schematics. * **Value:** 215 $\Omega$ (Ohms). * **Tolerance:** Usually ±1% or ±0.5% (High precision). ### 2. Technical Characteristics Depending on the specific package (0603, 0805, or 1206), the technical parameters generally align with the following: | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance** | 215 $\Omega$ | The primary electrical resistance. | | **Power Rating** | 0.1W - 0.25W | Dependent on the physical size of the chip. | | **Temperature Coeff.** | ±100 ppm/°C | Stability across temperature changes. | | **Voltage Rating** | 50V - 150V | Maximum working voltage. | | **Operating Temp** | -55°C to +155°C | Standard industrial range. | --- ### 3. Application Areas Components labeled 215-R are frequently found in the following circuits: * **Voltage Dividers:** Used in feedback loops for DC-DC converters to set specific output voltages. * **LED Current Limiting:** Provides a specific current flow to protect sensitive optical components. * **Signal Conditioning:** Used in operational amplifier (Op-Amp) circuits to define gain levels. * **Automotive ECUs:** Precision variants are used in Engine Control Units for sensor calibration. ### 4. Identification Guide When searching for this part, ensure you distinguish between the **Part Number** and the **Marking**: 1. **If it is a Part Number:** It might refer to a specific manufacturer series (e.g., Vishay or Yageo "215-R" series). 2. **If it is a Schematic Label:** "R" indicates the decimal point or the unit (Ohms). Example: `215R` = 215 $\Omega$. ---
    ✨ Follow-up Questions
    • ⤷ What is the physical package size (e.g.
    • ⤷ 0805 or 1206) for your specific 215-R component?
    • ⤷ Are you looking for a replacement part for a specific power supply or motherboard?
    • ⤷ Do you need the color code equivalent for a through-hole version of this resistor?