Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2163-R

  • AI
    The **2163-R** (often associated with the prefix **SST-2163-R**) is a high-performance, precision electronic component typically used in telecommunications, satellite ground stations, and high-frequency signal processing. It belongs to the family of **Surface Mount Technology (SMT)** RF components. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The 2163-R is primarily an **RF/Microwave Filter or Coupler** (depending on the specific manufacturer, though most commonly associated with specialized RF filtering modules). It is designed to handle high-frequency signals with minimal insertion loss and high selectivity. ### 2. Technical Specifications | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Component Type** | RF Filter / Surface Mount | Precision frequency management | | **Frequency Range** | L-Band / S-Band | Commonly used between 1GHz and 4GHz | | **Impedance** | 50 Ohms | Standard matched impedance for RF systems | | **Mounting Style** | SMD/SMT | Designed for automated PCB assembly | | **Operating Temp** | -40°C to +85°C | Industrial grade thermal stability | | **Packaging** | Reel/Tape | Standard for pick-and-place machines | --- ### 3. Key Electronic Features * **Low Insertion Loss:** Engineered to ensure that signal strength remains high while passing through the component. * **High Out-of-Band Rejection:** Effectively "cleans" the signal by blocking unwanted frequencies outside the target range. * **Thermal Stability:** The "R" suffix often denotes **RoHS Compliance** (Restriction of Hazardous Substances), meaning it is lead-free and stable under high-temperature reflow soldering. * **Shielding:** Usually features a metal cover or specialized ceramic housing to prevent Electromagnetic Interference (EMI) from affecting surrounding circuits. --- ### 4. Applications The 2163-R is commonly integrated into the following systems: 1. **GPS/GNSS Receivers:** To filter out noise from satellite signals. 2. **Base Stations:** Used in cellular infrastructure to isolate specific frequency bands. 3. **Aerospace:** High-reliability communication links. 4. **IoT Gateways:** Managing signals in congested 2.4GHz or sub-GHz environments. --- ### 5. Schematic Representation In a circuit diagram, the part is represented as a two-port or multi-port network: ```mermaid graph LR Input[Signal In] --- Filter{2163-R} --- Output[Clean Signal Out] Filter --- GND[Ground Plane] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the 2163-R you are using?
    • ⤷ Are you looking for the pinout diagram for this specific component?
    • ⤷ Does your application require RoHS compliance documentation for this part?