Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 21HBA-R

  • AI
    The **21HBA-R** is an industrial-grade rotary component, typically classified as a **Precision Potentiometer** or a **Rotary Sensor**, often manufactured by companies like **Vishay** or **Spectrol** (part of the 21 Series). These parts are engineered for high-reliability applications where precise control or position feedback is required. --- ### 1. Key Technical Specifications The following table highlights the typical electrical and mechanical characteristics found in the 21HBA-R series: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Single-turn Wirewound Potentiometer | | **Resistance Range** | 10 $\Omega$ to 50k $\Omega$ | | **Resistance Tolerance** | ±3% to ±5% | | **Linearity** | ±0.5% (Standard) | | **Power Rating** | 1.0W to 2.0W at 70°C | | **Rotation Angle** | 360° (Continuous) or 340° (Electrical) | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Core Electronic Components The internal construction of the 21HBA-R involves several critical materials and design choices: * **Resistance Element:** Uses a **wirewound** design. This involves a precision-drawn resistance wire wrapped around a ceramic or plastic mandrel. Wirewound elements offer excellent stability and low temperature coefficients. * **Wiper Assembly:** Usually made of a precious metal alloy (such as Gold or Silver Paladium) to ensure low contact resistance and minimize electrical noise during rotation. * **Housing:** Typically features a rugged metal case (aluminum or stainless steel) to provide EMI/RFI shielding and physical protection in harsh environments. * **Terminals:** Gold-plated or tin-plated brass terminals for reliable soldering or connector attachment. --- ### 3. Application Use Cases Because of its high precision and "R" (Ruggedized/Reliability) designation, this part is commonly found in: 1. **Industrial Control:** Used as a feedback sensor for valve positioning or actuator displacement. 2. **Medical Equipment:** Precision adjustment for diagnostic machinery. 3. **Avionics/Aerospace:** Control panels or throttle position sensing where high vibration resistance is mandatory. 4. **Test & Measurement:** Calibration equipment requiring repeatable manual adjustments. --- ### 4. Part Number Breakdown (Example) While specific manufacturers vary, the code usually breaks down as follows: * **21:** Represents the Physical Size/Series (e.g., 7/8" diameter). * **H:** High-precision or Bushing Mount designation. * **BA:** Specific internal configuration or shaft type. * **R:** Indicates **RoHS compliance** (Lead-free) or **Ruggedized** specifications.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between wirewound and conductive plastic versions of this series?
    • ⤷ How do I interpret the linearity tolerance for a feedback control system?
    • ⤷ What are the mounting options available for the 21HBA-R?