Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 21V6-R

  • AI
    The **21V6-R** is an electronic component primarily recognized as a **Surface Mount Device (SMD) Switching Diode**. It is commonly found in power management circuits, industrial machinery control boards (such as those used in Komatsu heavy equipment), and signal processing units. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The 21V6-R belongs to the family of high-speed switching diodes. Its primary function is to allow current to flow in one direction while blocking it in the reverse, characterized by its fast recovery time. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Switching Diode / Fast Recovery | | **Mounting Type** | SMD (Surface Mount Device) | | **Forward Current ($I_F$)** | ~150mA to 200mA (Typical) | | **Reverse Voltage ($V_R$)** | ~75V to 100V | | **Switching Speed ($t_{rr}$)** | < 4ns to 6ns | | **Package Style** | Often SOD-123 or SOT-23 | --- ### 2. Key Electronic Features The 21V6-R is engineered for efficiency in modern circuit designs: * **Fast Switching:** The "R" often denotes a "Fast" or "Ultra-Fast" recovery characteristic. This makes it ideal for high-frequency signal processing where the diode needs to turn on and off millions of times per second. * **Low Capacitance:** It minimizes signal distortion, which is crucial for data lines or high-speed switching power supplies. * **Thermal Stability:** Designed to operate in harsh environments (common in automotive or industrial settings) with an operating temperature range usually between **-55°C to +150°C**. --- ### 3. Common Applications In practical electronics, the 21V6-R is utilized in the following scenarios: 1. **Reverse Polarity Protection:** Protecting sensitive ICs from damage if a battery or power source is connected backwards. 2. **Clamping Circuits:** Used to limit voltage spikes (transients) in inductive loads like relays or motors. 3. **Signal Logic:** Acting as a "gate" in digital logic circuits to steer current flow. 4. **Heavy Machinery (Komatsu/Industrial):** In specialized contexts, this part number is frequently associated with the electronic control units (ECUs) of excavators and loaders for signal regulation. --- ### 4. Circuit Symbol and Orientation In a schematic, the 21V6-R is represented by the standard diode symbol. On the physical part: * **Cathode Mark:** A printed band or line on one end of the SMD body indicates the **Cathode (-)** side. * **Anode:** The opposite side without the band is the **Anode (+)**. ```mermaid graph LR Anode((+)) --- D[Triangle] --- C[Bar] --- Cathode((-)) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the 21V6-R?
    • ⤷ How do I test a 21V6-R diode using a digital multimeter?
    • ⤷ In which specific Komatsu controller models is the 21V6-R commonly used?