Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2201-R

  • AI
    The **2201-R** typically refers to a specific series of high-performance **Step Motor Drivers** (often associated with brands like *Applied Motion Products*). These devices are designed to convert step and direction signals from a controller into precise motor movements. Below is an explanation of its core electronic components and technical specifications. --- ## 1. Core Electronic Components The internal circuitry of a 2201-R driver is divided into several functional blocks: | Component Block | Description | Function | | :--- | :--- | :--- | | **Power Stage** | H-Bridge using MOSFETs or IGBTs | Switches high-voltage power to the motor phases. | | **Logic Controller** | Microprocessor/ASIC | Processes incoming pulses and manages microstepping logic. | | **Opto-Isolators** | Optical Isolation Circuits | Protects the control electronics from high-voltage spikes on the motor side. | | **Current Sensing** | Shunt Resistors | Monitors real-time current to ensure the motor doesn't overheat. | | **Heat Sink** | Aluminum/Metal Chassis | Dissipates thermal energy generated by the power transistors. | --- ## 2. Technical Specifications The "R" in the model suffix often denotes **RoHS compliance** or a specific **Resistor-selectable** current configuration. ### Electrical Ratings * **Input Voltage:** Typically 12-35V DC (varies by specific sub-model). * **Output Current:** Adjustable, usually up to 2.0 Amps per phase. * **Step Resolution:** Supports Full, Half, 1/4, and 1/8 microstepping (or higher depending on dip-switch settings). --- ## 3. Connection Interface The 2201-R features specific pinouts for integrating with a PLC or Motion Controller: ### Input Signals 1. **Step (Pulse):** Each pulse moves the motor one increment. 2. **Direction:** Logic high/low determines clockwise or counter-clockwise rotation. 3. **Enable:** Allows the controller to engage or de-energize the motor coils. ### Output Interface * **4-Lead Connection:** Optimized for 2-phase bipolar stepper motors. * **A+/A- and B+/B-:** The terminals where the motor windings are attached. --- ## 4. Protection Features To ensure longevity, the electronic parts include several safety mechanisms: * **Over-Voltage Protection:** Shuts down the drive if the power supply exceeds safety limits. * **Short Circuit Protection:** Prevents damage if motor leads are crossed. * **Idle Current Reduction:** Automatically drops current to 50% when the motor is stationary to reduce heat.
    ✨ Follow-up Questions
    • ⤷ What is the maximum step frequency supported by the 2201-R driver?
    • ⤷ How do I configure the dip switches for specific microstepping levels?
    • ⤷ Can the 2201-R be used with a 3-phase stepper motor?