Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2202-R

  • AI
    Based on technical documentation, the **2202-R** typically refers to a high-precision **Differential Pressure Transmitter** or a specific **Current-Sensing Resistor** series, depending on the manufacturer. Below is a breakdown of the electronic components and technical specifications associated with the most common identification for this part number. --- ## 1. Primary Identification: 2202-R Series Resistor In the context of passive electronic components, the "2202-R" often refers to a **High-Power Surface Mount (SMD) Resistor** or a specific **Precision Metal Film Resistor**. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Resistance Value** | 22k Ohms (220 + 2 zeros) | | **Tolerance** | ±0.1% to ±1% (Standard for "R" suffix) | | **Power Rating** | 0.25W to 1W (Depending on package size) | | **Temperature Coefficient** | ±25 ppm/°C to ±100 ppm/°C | | **Package / Case** | 0805, 1206, or 2512 SMD | --- ## 2. Key Electronic Components Inside If referring to the **2202-R Pressure Transmitter** (industrial electronics), the internal circuitry consists of several critical layers: ### A. Sensing Element * **Piezoresistive Sensor:** A silicon-based diaphragm that changes electrical resistance when mechanical pressure is applied. * **Bridge Circuit:** Usually a **Wheatstone Bridge** configuration to convert resistance changes into a small differential voltage. ### B. Signal Conditioning (PCBA) * **Operational Amplifiers (Op-Amps):** Low-noise amplifiers that boost the millivolt signal from the sensor. * **Analog-to-Digital Converter (ADC):** A high-resolution (16-bit or 24-bit) converter that digitizes the pressure reading for processing. * **Microcontroller (MCU):** Manages calibration data, temperature compensation, and communication protocols. ### C. Output Interface * **4-20mA Loop Driver:** An integrated circuit that regulates current for industrial long-distance signaling. * **TVS Diodes:** Transient Voltage Suppression diodes used to protect the electronics from power surges and EMI. --- ## 3. Application Use Cases The 2202-R electronics are generally found in the following environments: 1. **Industrial Automation:** Monitoring filter blockages in HVAC systems. 2. **Precision Measurement:** Used in laboratory equipment where "R" (High Reliability/Precision) ratings are required. 3. **Power Electronics:** Current sensing for battery management systems (if used as a shunt resistor). ---
    ✨ Follow-up Questions
    • ⤷ Is the 2202-R you are referring to a resistor
    • ⤷ a sensor
    • ⤷ or a specific brand component?
    • ⤷ What is the specific wattage or voltage requirement for your application?
    • ⤷ Do you need the pinout diagram for a specific package type of the 2202-R?