Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 23-R

  • AI
    The term **"23-R"** is most commonly associated with **Fixed Carbon Film Resistors** or specific surface-mount device (SMD) components, where "23" refers to the value and "R" serves as the multiplier or decimal point. Below is an explanation of the two primary ways this part is categorized in electronics. --- ### 1. Resistor Value Coding In electronic component marking, "R" acts as the **decimal point** for Ohms (Ω). | Marking | Interpretation | Resistance Value | | :--- | :--- | :--- | | **23R** | 23.0 Ω | 23 Ohms | | **2R3** | 2.3 Ω | 2.3 Ohms | | **R23** | 0.23 Ω | 0.23 Ohms | ### 2. Physical Specifications (Common 23-R Types) Most "23-R" components are through-hole resistors used in power supplies, hobbyist circuits, and prototyping. #### Technical Specifications Table | Feature | Standard Value | Notes | | :--- | :--- | :--- | | **Tolerance** | ±5% (Gold band) | Common for carbon film | | **Power Rating** | 1/4W or 1/2W | Depends on physical size | | **Material** | Carbon Film | Provides high pulse stability | | **Temperature Range** | -55°C to +155°C | Standard operating limit | --- ### 3. Visual Identification (Color Bands) If you have a 23-ohm resistor with 4 color bands, the sequence will be: 1. **First Band (2):** Red 2. **Second Band (3):** Orange 3. **Multiplier (x1):** Black 4. **Tolerance (±5%):** Gold ### 4. Application Uses * **Current Limiting:** Preventing LEDs from burning out. * **Voltage Division:** Creating specific reference voltages in a circuit. * **Impedance Matching:** Used in audio or signal processing to minimize reflections. --- ### 5. Alternative: "23" as an SMD Package If "23" refers to the package size rather than the value (e.g., **SOT-23**), it describes a 3-lead transistor or diode package. * **SOT-23:** Small Outline Transistor. * **R-Suffix:** Often indicates "Reverse" pinout configuration or "RoHS" compliant.
    ✨ Follow-up Questions
    • ⤷ Are you looking for the color codes of a 23-ohm resistor?
    • ⤷ Is this part a surface-mount (SMD) component or through-hole?
    • ⤷ Is the 23-R part of a specific manufacturer's model number?