Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 23PE-R

  • AI
    The **23PE-R** typically refers to a high-precision, thin-film chip resistor or a specific series of surface-mount components used in sensitive electronic circuits. These parts are engineered for stability and low noise, often found in medical, industrial, or high-end audio equipment. --- ### 1. Key Technical Specifications While exact specifications can vary by manufacturer (such as Panasonic or Vishay), the "23PE" series generally follows these parameters: | Parameter | Typical Value | | :--- | :--- | | **Resistor Type** | Metal Film / Thin Film | | **Package Size** | 0402 or 0603 (Inches) | | **Tolerance** | ±0.1% to ±1% | | **Temperature Coefficient** | ±25 ppm/°C to ±100 ppm/°C | | **Power Rating** | 0.063W to 0.1W | --- ### 2. Functional Characteristics Electronic parts in the 23PE-R category are selected for three primary reasons: 1. **Low Thermal Noise:** Unlike thick-film resistors, thin-film components like the 23PE-R produce very little thermal "hiss," making them ideal for signal amplification. 2. **Long-term Stability:** The "R" often signifies compliance with **RoHS** (Restriction of Hazardous Substances) and high reliability over thousands of operating hours. 3. **Precision:** These parts are used when the exact resistance value is critical to the circuit's performance, such as in voltage dividers or feedback loops. --- ### 3. Application Examples The 23PE-R is commonly integrated into the following systems: * **Medical Instrumentation:** ECG/EKG monitors where signal integrity is vital. * **Precision Scales:** Weighing systems that require consistent resistance despite temperature changes. * **Audio Equipment:** High-fidelity DACs (Digital-to-Analog Converters) and pre-amplifiers. ### 4. Code Identification In a typical circuit diagram or BOM (Bill of Materials): ```yaml Component: Resistor Series: 23PE-R Format: Surface Mount (SMD) Material: Thin Film Compliance: Lead-Free / RoHS ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between thin-film and thick-film resistors?
    • ⤷ How do I read the SMD code on a 23PE-R resistor?
    • ⤷ Which manufacturers produce the 23PE-R series?