Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 24005-R

  • AI
    The part number **24005-R** typically refers to a high-performance **Step Motor (Stepper Motor)** often associated with manufacturers like *Haydon Kerk Pittman* (a brand of AMETEK). These components are widely used in precision motion control applications. --- ## Technical Specifications The "R" suffix in the part number usually indicates a specific winding configuration or a RoHS compliance certification, depending on the manufacturer's series. | Feature | Typical Specification | | :--- | :--- | | **Motor Type** | Bipolar or Unipolar Stepper | | **Frame Size** | NEMA 11 (28mm) or NEMA 14 (35mm) | | **Step Angle** | 1.8° (200 steps per revolution) | | **Operating Voltage** | 5V to 24V DC (Driver dependent) | | **Current per Phase** | 0.5A to 1.2A (Model specific) | | **Connection** | 4-wire or 6-wire lead configuration | --- ## Key Components & Construction ### 1. Stator and Rotor The motor consists of a **permanent magnet rotor** and a **wound stator**. The electronic pulses sent to the stator windings create magnetic fields that pull the rotor in discrete "steps." ### 2. Lead Wire Interface The **-R** variant often features specialized lead wires. In electronic terms: * **Insulation:** Usually Teflon or PVC. * **Gauge:** Typically 26 AWG. * **Color Coding:** Standardized colors (Red/Blue and Green/Black) to represent Phase A and Phase B. ### 3. Integrated Electronics (Optional) While the 24005-R is primarily a mechanical motor, it is often paired with an **Electronic Driver IC**. To operate this part, you generally need: * **H-Bridge Circuitry:** To reverse current flow through the coils. * **PWM Controller:** To manage current limits and prevent overheating. --- ## Common Applications Because of its small form factor and precision, this part is found in: * **Medical Devices:** Fluid pumps and analytical chemistry equipment. * **3D Printers:** Small-scale axis movement or extruders. * **Optics:** Positioning lenses and mirrors in laser systems. --- ### Basic Wiring Example (Bipolar) ```python # Pseudo-code logic for a micro-controller driving a 24005-R via an A4988 driver import machine import time step_pin = machine.Pin(14, machine.Pin.OUT) dir_pin = machine.Pin(12, machine.Pin.OUT) def move_motor(steps, direction): dir_pin.value(direction) for _ in range(steps): step_pin.value(1) time.sleep_us(500) # Speed control step_pin.value(0) time.sleep_us(500) ```
    ✨ Follow-up Questions
    • ⤷What is the exact manufacturer of your 24005-R unit?
    • ⤷ Do you need the torque-speed curve for this specific motor?
    • ⤷ Are you looking for a compatible electronic driver for this part?