Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2410FA7-R

  • AI
    The **2410FA7-R** is a specific model of a **Surface Mount Device (SMD) Fuse**, commonly used in electronic circuits for overcurrent protection. It is manufactured by companies like **Littelfuse** (under the NANO²® line) or **Bussmann (Eaton)**. --- ### ## 1. Technical Specifications The part number "2410FA7-R" follows a standard naming convention that describes its physical size and electrical characteristics. | Feature | Specification | | :--- | :--- | | **Package Size** | 2410 (6.10mm x 2.69mm) | | **Current Rating** | 7 Amperes (7A) | | **Voltage Rating** | 125V AC / 125V DC (typical) | | **Fuse Type** | Very Fast-Acting (FA) | | **RoHS Compliant** | Yes (indicated by the "-R") | | **Interrupting Rating** | 50A @ 125V AC/DC | --- ### ## 2. Key Characteristics #### ### Fast-Acting Performance The "FA" in the part number stands for **Fast-Acting**. Unlike "Slow-Blow" fuses, this component is designed to open almost instantly when a current spike occurs. This is critical for protecting sensitive semiconductor components (like ICs or MOSFETs) that cannot withstand even brief periods of excessive current. #### ### Physical Form Factor (2410) The **2410** footprint is an industry-standard size for SMD fuses. It is small enough for modern compact electronics but large enough to handle high-current loads compared to smaller 0603 or 0805 packages. #### ### Environmental Compliance The **-R** suffix usually denotes that the part is **RoHS compliant** (Lead-free) and halogen-free, making it suitable for modern environmentally regulated manufacturing processes. --- ### ## 3. Common Applications Due to its 7A rating and fast response time, the 2410FA7-R is typically found in: * **LCD/LED Monitors:** Protecting the backlight inverter or power board. * **Power Supplies:** Secondary side protection in AC/DC adapters. * **Battery Management Systems (BMS):** Guarding against short circuits in lithium-ion packs. * **Industrial Equipment:** Protecting control circuits and sensors. * **Telecom Hardware:** Used in line cards and networking switches. --- ### ## 4. Installation and Safety * **Soldering:** Designed for standard reflow or wave soldering processes. * **Non-Resettable:** Once this fuse blows, it must be desoldered and replaced. It is a "one-time" protection device. * **Voltage Derating:** Always ensure the operating voltage of your circuit does not exceed the 125V rating of the fuse.
    ✨ Follow-up Questions
    • ⤷What is the difference between a Fast-Acting and a Time-Delay fuse?
    • ⤷ How do I calculate the correct fuse amperage for my circuit?
    • ⤷ Can I replace a 2410 fuse with a smaller 1206 fuse?