Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2412-R

  • AI
    The **2412-R** typically refers to a high-frequency, surface-mount (SMD) RF inductor or a specific series of power inductors used in telecommunications and high-speed data circuits. Based on common industry specifications (such as those from manufacturers like Bourns or Coilcraft), here is the technical breakdown. --- ## 1. Core Specifications The "2412" designation generally refers to the physical package size in imperial units (approximately **0.24 x 0.12 inches**) or a specific series of wire-wound components. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Inductor / RF Inductor | | **Package Size** | 2412 (6032 Metric) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite or Ceramic | | **Inductance Range** | 1.0 µH to 680 µH (Series dependent) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Electronic Characteristics The "R" suffix in electronic parts often denotes **RoHS Compliance** (Restriction of Hazardous Substances) or high **Reliability**. ### Electrical Behavior * **High Q-Factor:** Designed for minimal energy loss at high frequencies, making them ideal for resonant circuits. * **Self-Resonant Frequency (SRF):** These parts are engineered to maintain inductance stability up to several hundred MHz. * **DC Resistance (DCR):** Usually optimized to be as low as possible to prevent overheating and power loss in the circuit. * **Current Rating:** Capable of handling moderate saturation currents (Isat) for power management tasks. --- ## 3. Common Applications Due to its size and frequency response, the 2412-R is found in the following modules: 1. **RF Filtering:** Used in low-pass or band-pass filters for wireless communication (Wi-Fi, Bluetooth). 2. **DC-DC Converters:** Acts as an energy storage element in small-scale power supply units. 3. **EMI Suppression:** Used as a choke to filter out high-frequency noise in signal lines. 4. **Decoupling:** Prevents high-frequency interference from affecting sensitive integrated circuits (ICs). --- ## 4. Visual/Mechanical Layout The part typically features a wire-wound construction protected by a resin coating or a molded body. ```markdown Top View: +-----------------------+ | [ 2412 ] | <-- Component Marking | [ -R ] | +-----------------------+ | | [Pad] [Pad] <-- Solder Terminations ```
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the 2412-R component you are looking for?
    • ⤷ What is the specific inductance value (µH) required for your circuit?
    • ⤷ Are you looking for a datasheet comparison between the 2412-R and 1812 series?