Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 24140-R

  • AI
    The identifier **24140-R** typically refers to a specialized electronic component, most commonly associated with **high-frequency power inductors** or **transformers** manufactured by companies like **Coilcraft** or specialized automotive electronics suppliers. Below is a technical breakdown of the characteristics associated with this part number series. --- ### 1. Component Overview Based on industry standards, the "24140" designation usually refers to the physical dimensions or the series type, while the "-R" suffix typically denotes **RoHS compliance** (Lead-Free) or a specific **Reel packaging** specification. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Power Inductor / SMT Transformer | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Application** | DC-DC Converters, LED Drivers, Power Supplies | | **Compliance** | RoHS (Lead-Free) | | **Packaging** | Tape and Reel (-R suffix) | --- ### 2. Technical Characteristics If this part corresponds to a high-current power inductor (a common 24140 series part), it usually features the following electronic properties: * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation. * **High Saturation Current:** Ability to handle high peak currents without the magnetic core losing efficiency. * **Flat-top Design:** The "2414" frame size often implies a low-profile height, making it suitable for compact circuit boards. * **Shielding:** Often magnetically shielded to prevent Electromagnetic Interference (EMI) with surrounding components. --- ### 3. Typical Use Cases These parts are integrated into power management stages of various electronic devices: 1. **Automotive Electronics:** Used in infotainment systems or ECU power filtering due to high temperature stability. 2. **Industrial Power:** Found in buck/boost converters to step down voltages for microprocessors. 3. **Consumer Electronics:** High-efficiency power stages for laptops or high-end networking gear. --- ### 4. Identification Checklist To confirm the exact specifications for your specific "24140-R," check the following on the manufacturer's datasheet: * **Inductance Value:** Measured in Microhenries (µH). * **Tolerance:** Usually ±10% or ±20%. * **Current Rating:** The maximum continuous current (Amperes) the part can handle before a specific temperature rise. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the 24140-R series?
    • ⤷ What is the specific inductance value for the 24140-R part you are looking at?
    • ⤷ Is this part being used in an automotive or industrial application?