Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 24AA02UID

  • AI
    ### Overview of the 24AA02UID The **24AA02UID** is a specialized 2-Kbit Electrically Erasable PROM (EEPROM) manufactured by Microchip Technology. It is unique because it includes a pre-programmed, globally unique **32-bit or 128-bit serial number (UID)**, making it ideal for device identification and tracking. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 bytes) | | **Interface** | I2C™ Compatible (2-wire) | | **Operating Voltage** | 1.7V to 5.5V | | **Clock Frequency** | 400 kHz (max) | | **Unique ID Size** | 32-bit (at specific addresses) | | **Endurance** | 1,000,000 erase/write cycles | | **Data Retention** | > 200 years | | **Package Options** | SOT-23, PDIP, SOIC, MSOP | --- ### Functional Components #### 1. Memory Organization The 256 bytes of memory are divided into two distinct sections: * **User Writable Area:** Standard EEPROM storage for application data. * **UID Storage:** A read-only section located at the upper end of the memory map (addresses 0xF8 through 0xFF) containing the unique identifier. #### 2. The I2C Interface The chip communicates via two lines: * **SCL (Serial Clock):** Used to synchronize data transfer. * **SDA (Serial Data):** A bidirectional line for sending addresses and data. #### 3. Write Protection The device features hardware write protection. When the **WP pin** is connected to $V_{CC}$, the entire memory array becomes read-only, preventing accidental data corruption. --- ### Applications * **Product Tracking:** Using the UID to trace manufacturing batches. * **Security:** As a component in simple authentication schemes. * **Network Nodes:** Providing a unique MAC-like address for decentralized systems. * **Calibration Data:** Storing sensor-specific offsets that shouldn't be easily overwritten. --- ### Typical Circuit Connection ```mermaid graph LR MCU[Microcontroller] -- SDA -- EEPROM[24AA02UID] MCU -- SCL -- EEPROM VCC(1.7V-5.5V) -- Pull-up Resistor -- SDA VCC -- Pull-up Resistor -- SCL ``` *Note: 4.7kΩ to 10kΩ pull-up resistors are required on both SDA and SCL lines for stable operation.*
    ✨ Follow-up Questions
    • ⤷ How do I access the unique ID via I2C commands?
    • ⤷ What is the difference between the 24AA02UID and the standard 24AA02?
    • ⤷ Can the UID be modified by the user?