24VL024HT/ST
AI

The **24VL024HT/ST** is a specific variant of a serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **Microchip Technology**. It is designed for low-power and low-voltage applications.
---
## 1. Technical Specifications
The part number reveals specific details about the device's architecture and packaging:
| Feature | Specification |
|:---|:---|
| **Memory Size** | 2 Kbit (organized as 256 x 8-bit) |
| **Interface** | I²C™ (2-wire serial) |
| **Operating Voltage** | 1.5V to 3.6V (Ultra-low voltage) |
| **Clock Frequency** | 400 kHz (max) |
| **Package Type** | SOT-23 (indicated by the /ST suffix) |
| **Temperature Range** | High temperature/Industrial (-40°C to +125°C) |
| **Write Cycles** | 1,000,000 erase/write cycles |
| **Data Retention** | > 200 Years |
---
## 2. Key Features and Functions
### A. I²C Communication
The device utilizes a standard 2-wire bus protocol. It acts as a **slave** device on the bus, requiring a Master (like a microcontroller) to initiate data transfers using a Start condition, Device Address, and Register Address.
### B. Hardware Write Protection
The "H" in the part number often signifies specific hardware features. In many Microchip EEPROMs, this includes a **Write-Protect (WP)** pin that, when connected to VCC, prevents any write operations to the memory array, ensuring data integrity.
### C. Low Power Consumption
This specific "VL" (Very Low voltage) series is optimized for battery-powered devices.
* **Read current:** 400 µA (Typical)
* **Standby current:** 100 nA (Typical)
---
## 3. Pinout Configuration (SOT-23)
The /ST suffix usually corresponds to a 6-lead SOT-23 package.
| Pin Number | Name | Function |
|:---:|:---:|:---|
| 1 | **SCL** | Serial Clock Input |
| 2 | **VSS** | Ground |
| 3 | **SDA** | Serial Data (Bi-directional) |
| 4 | **WP** | Write-Protect Pin |
| 5 | **VCC** | Power Supply (1.5V - 3.6V) |
| 6 | **NC/A0** | No Connection or Address Input |
---
## 4. Usage Example
To interface this part with an Arduino or similar microcontroller, you would typically use the `Wire.h` library.
```cpp
#include
#define EEPROM_ADDR 0x50 // Base I2C address for 24VL024
void setup() {
Wire.begin();
// Example: Write the value 100 to memory address 0x05
Wire.beginTransmission(EEPROM_ADDR);
Wire.write(0x05); // Register address
Wire.write(100); // Data byte
Wire.endTransmission();
delay(5); // Wait for internal write cycle
}
```
---
- ⤷
What is the difference between the 24VL and 24LC series EEPROMs?
- ⤷ How do I calculate the I2C address if multiple 24VL024 chips are on the same bus?
- ⤷ What are the timing requirements for the internal write cycle (tWC)?