Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 250-R

  • AI
    The **250-R** typically refers to a high-power, chassis-mount **wirewound resistor**. These components are designed to dissipate significant heat while maintaining a stable resistance value in demanding electrical environments. --- ## 1. Technical Specifications The "250" in the part number usually signifies the power rating (250 Watts), while the "R" indicates the unit of measure (Ohms) or a specific tolerance/series designation. | Feature | Description | | :--- | :--- | | **Power Rating** | 250 Watts (when mounted to a heat sink) | | **Resistive Element** | Wirewound (Nichrome or similar alloy) | | **Housing Material** | Aluminum Gold-Anodized (for heat dissipation) | | **Tolerance** | Usually ±1%, ±5%, or ±10% | | **Mounting Style** | Chassis Mount (Bolted to a metal surface) | --- ## 2. Key Internal Components To handle 250W of power, the construction is much more robust than standard resistors: 1. **Core:** A ceramic or steatite rod that provides high thermal conductivity and electrical insulation. 2. **Resistance Wire:** A precision-wound alloy wire that determines the resistance value. 3. **Encapsulation:** A high-temperature molding compound or silicone that protects the wire from moisture and oxidation. 4. **Aluminum Housing:** An extruded aluminum shell with fins to maximize surface area for cooling. --- ## 3. Common Applications Due to their high power handling, 250-R resistors are used in industrial and heavy-duty electronics: * **Dynamic Braking:** Used in Motor Variable Frequency Drives (VFDs) to dissipate kinetic energy when a motor slows down. * **Load Banks:** Used for testing power supplies or batteries by simulating a high-current load. * **Inrush Current Limiting:** Protecting sensitive circuits from a surge of power during startup. * **RF Dummies:** Used as dummy loads in radio frequency transmitters. --- ## 4. Usage Example (Calculation) If you are using a **250W 10-Ohm (10R)** resistor, you can calculate the maximum current it can handle before failing using Joule's Law: ```python import math power = 250 # Watts resistance = 10 # Ohms # Formula: I = sqrt(P / R) max_current = math.sqrt(power / resistance) print(f"Maximum Current: {max_current} Amps") # Output: 5.0 Amps ``` --- ### ⚠️ Critical Note on Cooling A 250-R resistor cannot reach its full 250W rating in "free air." It **must** be mounted to a metal chassis or an external heat sink using thermal paste. Without proper heat sinking, the component will overheat and fail at much lower power levels (often as low as 50W-100W).
    ✨ Follow-up Questions
    • ⤷ What are the standard resistance values available for the 250-R series?
    • ⤷ How do I calculate the required heat sink size for a 250W resistor?
    • ⤷ Can these resistors be used in AC and DC circuits interchangeably?