Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 25AH-R

  • AI
    Based on the provided designation **25AH-R**, this typically refers to a **Lead-Acid Rechargeable Battery**, specifically one designed for high-capacity applications. In the electronics industry, this nomenclature is common for Sealed Lead Acid (SLA) or Valve Regulated Lead Acid (VRLA) batteries. --- ### 1. Key Technical Specifications The code "25AH-R" breaks down into specific electrical characteristics: | Parameter | Value/Description | Details | | :--- | :--- | :--- | | **Capacity** | **25Ah** (Ampere-Hours) | The battery can deliver 25 Amps for 1 hour, or 1 Amp for 25 hours. | | **Type** | **Rechargeable** | Usually Lead-Acid (SLA/VRLA) or LiFePO4. | | **Voltage** | **12V (Standard)** | Most "25AH" blocks are standard 12-Volt modules. | | **"R" Suffix** | **Reverse Polarity** | Indicates that the Positive (+) and Negative (-) terminals are swapped compared to the standard layout. | --- ### 2. Physical and Chemical Composition These parts are constructed with several internal electronic and chemical components: * **Plates:** Lead dioxide (positive) and sponge lead (negative) submerged in an electrolyte (Sulfuric Acid). * **Absorbent Glass Mat (AGM):** In high-end "R" models, a fiberglass mat soaks up the acid to prevent spills. * **Terminal Connectors:** Often "Bolt-and-Nut" (T12/T3) or "Insert" types made of lead or copper alloy. * **Internal Resistance:** Usually very low (approx. 7–10 mΩ) to allow for high current discharge. --- ### 3. Applications Parts labeled 25AH-R are heavy-duty and found in the following systems: 1. **UPS (Uninterruptible Power Supplies):** Providing backup power for servers. 2. **Mobility Scooters:** Used as the primary energy source for electric wheelchairs. 3. **Solar Energy Storage:** Storing DC power from small solar arrays. 4. **Medical Equipment:** Powering portable oxygen concentrators or hospital carts. --- ### 4. Safety and Handling Because these parts contain high energy density and chemicals, specific precautions are required: ```markdown - Do not short-circuit: A 25AH battery can release hundreds of Amps instantly, causing fire. - Charging: Use a constant voltage charger (approx. 14.4V for cycle use). - Orientation: If it is an AGM type, it can be mounted in any orientation (except inverted). ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the physical size difference between a 25AH and a 35AH battery?
    • ⤷ How does the 'Reverse Polarity' affect the wiring installation?
    • ⤷ Can I replace a Lead-Acid 25AH-R with a Lithium (LiFePO4) equivalent?