Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 25C-R

  • AI
    The term **25C-R** in electronics typically refers to a specific naming convention used for **Power Inductors** or **Resistors**, but it is most prominently associated with **Wirewound Resistors** or specific **Power NTC/PTC** components depending on the manufacturer. Below is a detailed breakdown of what these parts signify in electronic circuitry. --- ### 1. General Component Classification In most industry standard catalogs, a "25C" designation refers to a physical size or power rating, while the "R" indicates resistance or a specific RoHS compliance/Radial lead configuration. | Feature | Description | | :--- | :--- | | **Component Type** | Usually a Wirewound Resistor or an NTC Thermistor | | **"25" Significance** | Often represents a 25-Watt power rating or 2.5mm lead spacing | | **"C" Significance** | Can indicate Case Style (Ceramic) or Temperature Coefficient | | **"R" Significance** | Standard notation for Ohms ($\Omega$) or Radial lead style | --- ### 2. Common Variations of "25C-R" #### A. Power Wirewound Resistors If the part is a resistor (common in industrial power supplies): * **Power Rating:** Typically 25 Watts. * **Tolerance:** The "C" might represent a $\pm 0.25\%$ tolerance in high-precision circuits. * **Cooling:** Often requires a heatsink if operating at full 25W capacity. #### B. NTC Thermistors (Inrush Current Limiters) Some manufacturers (like Ametherm or TDK) use similar codes for surge protection: * **Function:** Limits the initial "inrush" current when a device is turned on. * **Resistance:** 25 Ohms at room temperature (25°C). * **Application:** Used in AC-to-DC power converters to prevent fuse blowing. --- ### 3. Technical Specifications Table *Standard estimated values for a 25C-R type power component:* | Parameter | Typical Value | | :--- | :--- | | **Resistance Range** | $0.1\Omega$ to $10k\Omega$ | | **Operating Temp** | $-55^\circ C$ to $+200^\circ C$ | | **Dielectric Strength** | 1000V AC | | **Material** | Ceramic core with wire winding or Metal Film | | **Termination** | Radial Leads (R) or Solder Lugs | --- ### 4. How to Read the Markings When looking at the physical part, the "R" acts as a decimal point in resistance values: * **25R**: 25 Ohms * **R25**: 0.25 Ohms * **2R5**: 2.5 Ohms ---
    ✨ Follow-up Questions
    • ⤷ Are you looking for a specific brand like Ohmite or Vishay for this part?
    • ⤷ Is this part currently installed in a power supply or a motor controller?
    • ⤷ Do you need the specific dimensions for a PCB footprint for a 25C-R component?