Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 25CTF-R

  • AI
    The **25CTF-R** typically refers to a specific series of **Conductive Plastic Potentiometers** (precision variable resistors) or rotary sensors, often manufactured by brands like *Tokyo Precision* or similar industrial electronics firms. These components are designed for high-reliability feedback in control systems. --- ### 1. Key Technical Specifications The "25CTF-R" nomenclature usually breaks down into physical size and functional characteristics. | Feature | Specification (Typical) | | :--- | :--- | | **Housing Diameter** | 22mm to 25mm (Standard Size) | | **Element Material** | Conductive Plastic (CP) | | **Resistance Range** | 1kΩ, 2kΩ, 5kΩ, 10kΩ | | **Linearity Tolerance** | ±0.5% to ±1.0% | | **Electrical Travel** | 340° to 360° (Continuous rotation possible) | | **Life Expectancy** | 5 to 10 million cycles | --- ### 2. Physical Construction These parts are engineered for durability and smoothness compared to standard carbon-track potentiometers. 1. **Conductive Plastic Track:** Unlike wirewound versions, the track is a smooth plastic film. This results in "infinite resolution" (output changes smoothly without stepping) and very low electrical noise. 2. **Stainless Steel Shaft:** Usually a 6mm or 1/4" shaft designed for mechanical linkage to a motor or dial. 3. **Ball Bearings:** High-quality versions (often denoted by the "R" suffix in some catalogs) include precision bearings to reduce torque and increase mechanical life. 4. **Gold-Plated Terminals:** Used to ensure reliable soldering and prevent oxidation over long periods. --- ### 3. Common Applications Because of their high precision and long life, these parts are used in professional-grade equipment: * **Servo Systems:** Used as feedback sensors to tell a controller the exact angle of a robotic arm or valve. * **Medical Equipment:** Monitoring the position of adjustable beds or surgical apparatus. * **Industrial Joysticks:** Converting physical movement into an analog voltage signal for heavy machinery. * **Audio Gear:** High-end mixing consoles where smooth travel and durability are required. --- ### 4. Circuit Implementation The 25CTF-R is typically wired as a **Voltage Divider**: ```cpp // Typical Pinout Wiring Pin 1: Ground (0V) Pin 2: Wiper (Signal Output) Pin 3: Input Voltage (e.g., +5V or +10V) ``` The output voltage at the Wiper (Pin 2) is proportional to the shaft's angle of rotation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between conductive plastic and wirewound potentiometers?
    • ⤷ How do I test a 25CTF-R using a multimeter?
    • ⤷ Can the 25CTF-R be used as a digital encoder?