Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 260W-R

  • AI
    The **260W-R** typically refers to a specific series of high-efficiency AC-DC power supply units or power converters (often associated with brands like Delta, TDK-Lambda, or specific industrial LED drivers). These units are designed to deliver a stable 260 Watts of power. Below is a breakdown of the core electronic components and technical specifications typically found in a 260W-R power system. --- ### 1. Key Technical Specifications | Feature | Typical Value/Description | | :--- | :--- | | **Output Power** | 260 Watts (Max) | | **Input Voltage** | 90V – 264V AC (Universal Range) | | **Efficiency** | 88% - 94% (Depending on load) | | **Cooling** | Convection cooled or forced air (R-series often denotes rugged/rack) | | **Protection** | Overvoltage (OVP), Overcurrent (OCP), Short Circuit (SCP) | --- ### 2. Core Electronic Components The internal architecture of a 260W-R unit is divided into several functional stages: #### A. Input & EMI Filtering * **Bridge Rectifier:** Converts incoming AC voltage to pulsating DC. * **EMI Filter (X/Y Capacitors & Inductors):** Suppresses electromagnetic interference to meet regulatory standards (like FCC or CE). * **Thermistor/Varistor:** Protects the internal circuits from initial current surges (inrush) and voltage spikes. #### B. Power Factor Correction (PFC) Stage * **PFC Controller IC:** Ensures the current drawn is in phase with the voltage, improving efficiency. * **Boost Inductor & MOSFETs:** High-speed switching components that step up the DC voltage (usually to ~380V-400V) to stabilize the system. #### C. DC-DC Conversion (The "Heart") * **Main Transformer:** Provides galvanic isolation between the high-voltage input and the low-voltage output. * **Switching MOSFETs:** Often arranged in a Half-Bridge or LLC Resonant topology to minimize energy loss during switching. * **Optoisolators:** Provide feedback from the output side to the input controller to maintain a constant voltage without physical electrical contact. #### D. Output Rectification & Filtering * **Schottky Diodes / Synchronous Rectifiers:** Convert the high-frequency AC from the transformer back into clean DC. * **Electrolytic Capacitors:** Large "reservoir" capacitors that smooth out ripples to provide a steady DC voltage. --- ### 3. Physical Characteristics * **Enclosure:** Usually a perforated metal "U-channel" or enclosed "R-Type" chassis for heat dissipation. * **Terminal Block:** Screw terminals for secure AC input and DC output connections. * **Potentiometer:** A small adjustable resistor (trimmer) usually located near the output terminals to fine-tune the voltage (e.g., adjusting a 24V rail by ±10%). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage (e.g.
    • ⤷ 12V
    • ⤷ 24V
    • ⤷ 48V) for your 260W-R model?
    • ⤷ Are you looking for a replacement guide or a circuit diagram for repair?
    • ⤷ Is this part being used in an industrial LED setup or a server rack?