Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 27-R

  • AI
    The designation **"27-R"** is commonly encountered in the electronics industry in two primary contexts: as a **SMD Resistor Marking** or as a **Battery Type**. --- ### 1. Resistor Value (SMD 27-R) In electronic circuit design, "27-R" is a shorthand way to express a specific resistance value. The "R" acts both as a decimal point and a multiplier ($\times 1$). | Component Type | Printed Code | Actual Resistance | Tolerance (Typical) | | :--- | :--- | :--- | :--- | | **SMD Resistor** | 27R | $27\ \Omega$ (Ohms) | $\pm 1\%$ or $\pm 5\%$ | | **SMD Resistor** | 27R0 | $27.0\ \Omega$ (Ohms) | $\pm 1\%$ (Precision) | | **High Power** | 27R 5W | $27\ \Omega$ (Ohms) | $\pm 5\% \text{ to } 10\%$ | #### Usage in Circuits: * **Current Limiting:** Used to protect LEDs or low-power transistors. * **Termination:** Used in signal lines to prevent reflections. * **Gate Resistor:** Frequently used in MOSFET gate drive circuits to control switching speed. --- ### 2. Battery Specification (A27 / 27A) Often referred to simply as "27," the **A27** (or L828/MN27) is a specialized dry-cell battery used in small electronic devices. | Specification | Details | | :--- | :--- | | **Voltage** | $12\text{V}$ | | **Chemistry** | Alkaline | | **Construction** | 8 small LR632 cells stacked in series | | **Common Uses** | Remote car keys, garage door openers, laser pointers | --- ### 3. Comparison of Codes It is important to distinguish between **27R** and other similar-looking codes: | Code | Value | Note | | :--- | :--- | :--- | | **R27** | $0.27\ \Omega$ | The "R" prefix means the value is less than 1 Ohm. | | **270** | $27\ \Omega$ | Using the 3-digit system ($27 \times 10^0$). | | **271** | $270\ \Omega$ | The third digit is the number of zeros ($27 \times 10^1$). | --- ### Summary Table: Identification If you are looking at a physical part, use this guide to identify it: | Appearance | Probable Identity | | :--- | :--- | | **Small black rectangle** | Surface Mount Resistor ($27\ \Omega$) | | **Cylindrical silver/wrapped** | A27 12V Battery | | **Ceramic white block** | Power Resistor ($27\ \Omega$) |
    ✨ Follow-up Questions
    • ⤷ How do I calculate the wattage needed for a 27-ohm resistor?
    • ⤷ What is the physical size difference between an 0805 and a 1206 27R resistor?
    • ⤷ Can I replace an A27 battery with an A23 battery in a remote?