Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2802P-R-DUAL-FA

  • AI
    The **2802P-R-DUAL-FA** refers to a high-performance, enterprise-grade power supply unit (PSU) typically associated with **Cisco ASR (Aggregation Services Routers)** or similar high-density networking chassis. Below is a breakdown of its core electronic parts, specifications, and functions. --- ### 1. Technical Specifications Overview This unit is a redundant, front-to-back airflow (FA) AC power module designed for 24/7 mission-critical operations. | Feature | Specification | | :--- | :--- | | **Output Power** | ~2800W - 3000W (depending on input voltage) | | **Input Type** | AC (Universal 100V - 240V) | | **Airflow Direction** | Front-to-Back (FA) | | **Redundancy** | N+1 or 1+1 Support | | **Efficiency Rating** | Typically 80 Plus Platinum or higher | --- ### 2. Core Electronic Components The internal architecture of the 2802P-R-DUAL-FA consists of several critical stages: #### A. Input Stage (EMI/Transient Protection) * **EMI Filters:** Inductors and capacitors designed to suppress electromagnetic interference. * **MOVs (Metal Oxide Varistors):** Protect the internal circuitry from high-voltage surges or lightning strikes. * **Rectifier Bridge:** Converts the incoming AC (Alternating Current) into high-voltage DC (Direct Current). #### B. Active Power Factor Correction (PFC) * **PFC Controller:** An integrated circuit that ensures the current waveform is in phase with the voltage, maximizing power efficiency and reducing harmonic distortion. * **Boost Converters:** Large capacitors and MOSFETs that step up the rectified DC voltage to a steady 380V-400V DC. #### C. DC-DC Conversion (The Switching Stage) * **Main Transformer:** A high-frequency ferrite core transformer that provides galvanic isolation and steps the voltage down to the levels required by the router (usually 12V or 54V). * **Switching MOSFETs:** High-speed transistors that "chop" the DC at high frequencies (100kHz+) to allow for a smaller transformer size. #### D. Output & Regulation * **Synchronous Rectifiers:** Used instead of standard diodes to reduce heat loss and improve efficiency during high-current output. * **Filter Chokes & Capacitors:** Smooth the output to provide "clean" power with minimal ripple and noise. --- ### 3. Monitoring and Control Systems The "DUAL" and "R" designations often imply sophisticated digital management: * **Microcontroller (MCU):** Manages the Power Management Bus (**PMBus**) communication, allowing the router's software to monitor temperature, fan speed, and power consumption in real-time. * **Dual-Fan Controller:** The "FA" (Front-to-Back Airflow) system uses pulse-width modulation (PWM) to adjust fan speeds based on thermal sensors. * **Hot-Swap Controller:** Special circuitry and long/short pins on the connector that allow the module to be plugged in or removed while the system is running without causing electrical arcs or system crashes. --- ### 4. Safety and Protection Features The unit includes hardware-level protection logic: 1. **OVP (Over Voltage Protection):** Shuts down if output exceeds safe limits. 2. **OCP (Over Current Protection):** Prevents damage during a short circuit. 3. **OTP (Over Temperature Protection):** Throttles or shuts down if cooling fails.
    ✨ Follow-up Questions
    • ⤷ What is the specific Cisco router series this power supply is designed for?
    • ⤷ How does 'Front-to-Back' airflow impact data center thermal management?
    • ⤷ What are the pinout specifications for the 2802P series connectors?