Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2822HC50-RTR

  • AI
    The **2822HC50-RTR** is a specialized high-performance electronic component, typically categorized as a **High-Current Power Inductor** (specifically a molded power inductor). These components are designed for high-density power applications where reliability and efficiency are critical. --- ### Technical Specifications The following table outlines the typical electrical and physical characteristics of this part series: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 0.50 µH (indicated by the '50' in the suffix) | | **Max Current (Isat)** | High saturation current capability (typically >30A) | | **Construction** | Molded Iron Powder / Composite Core | | **Operating Temp** | -40°C to +125°C or +155°C (depending on grade) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by 'RTR') | --- ### Key Electronic Features 1. **High Saturation Current ($I_{sat}$):** Unlike standard ferrites, the composite core material allows the inductor to handle large current spikes without a sharp drop in inductance. This is essential for preventing circuit failure during peak loads. 2. **Low DCR (DC Resistance):** The internal windings use heavy-gauge copper to minimize energy loss as heat. This increases the overall efficiency of the power supply. 3. **Electromagnetic Shielding:** Because it is a "molded" part, the core material encapsulates the coil. This provides natural magnetic shielding, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB. 4. **Soft Saturation Characteristics:** The inductance drops gradually rather than abruptly when current limits are exceeded, providing a safety margin for voltage regulator modules. --- ### Typical Applications The 2822HC50-RTR is commonly found in high-drain environments: * **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery on motherboards. * **DC-DC Converters:** Point-of-load (POL) converters for telecommunications. * **Industrial Electronics:** High-current power supplies for automation. * **Battery Powered Systems:** Where high efficiency is required to extend battery life. --- ### Part Number Breakdown * **2822:** Usually refers to the physical footprint/size (e.g., 0.28 x 0.22 inches). * **HC:** Stands for **High Current**. * **50:** Represents the inductance value ($0.50\mu H$). * **RTR:** Specifies the packaging format, **Tape and Reel**, used for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact DC resistance (DCR) for this specific inductor?
    • ⤷ How does the 'soft saturation' of this part compare to standard ferrite cores?
    • ⤷ What are the recommended soldering profiles for the RTR packaging?