Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2B1-R2

  • AI
    The **2B1-R2** is a specific model identifier often associated with industrial electronic components, specifically **pressure transmitters** or **differential pressure sensors** (frequently manufactured by brands like *Fuji Electric* or *Azbil*). Below is a breakdown of the electronic parts and technical specifications typically associated with this model series. --- ### 1. Core Technical Specifications The 2B1-R2 suffix usually defines the electrical output, communication protocol, and power requirements of the device. | Component Feature | Specification Details | | :--- | :--- | | **Output Signal** | 4-20mA DC (with digital superimposed signal) | | **Communication Protocol** | HART or Foundation Fieldbus (depending on internal board) | | **Supply Voltage** | 10.5V to 45V DC | | **Enclosure Rating** | IP66 / IP67 (Dust-tight and water-resistant) | | **Accuracy** | +/- 0.065% of Span (Standard) | --- ### 2. Internal Electronic Modules The device is composed of several key electronic sub-assemblies: #### A. The Sensor Cell (Transducer) * **Micro-capacitance silicon sensor:** Uses a silicon diaphragm that changes capacitance based on pressure. * **Temperature Sensor:** An internal thermistor or RTD that compensates for thermal expansion, ensuring accuracy across different environments. #### B. The Amplifier Board * **A/D Converter:** Converts the analog signal from the sensor cell into a high-resolution digital value. * **EEPROM:** Stores calibration data, characterization curves, and user-defined tags. * **Microprocessor:** Performs complex calculations, including square root extraction (for flow measurement) and damping adjustments. #### C. Communication & Display Unit * **LCD Module:** A digital indicator that displays the pressure value, percentage, or error codes. * **HART Modem:** Allows the device to communicate with a handheld communicator or a Distributed Control System (DCS). --- ### 3. Connection Pinout & Wiring The "R2" designation often refers to a specific conduit thread (like M20x1.5 or 1/2 NPT). The electronic wiring is typically a **two-wire system**: ```markdown Terminal Block Layout: [ + ] <-- Positive Power Supply (24V DC typical) [ - ] <-- Signal Out / Negative [ G ] <-- Earth Ground / Shield ``` --- ### 4. Key Maintenance Features * **Zero/Span Adjustment:** External electronic screws allow for calibration without opening the housing. * **Self-Diagnostics:** The electronics monitor for "Burnout" (sensor failure), "Over-range," and "Board error."
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your 2B1-R2 component?
    • ⤷ Do you need the wiring diagram for a 4-20mA loop installation?
    • ⤷ Are you troubleshooting a specific error code on the LCD display?