Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2BVN-R

  • AI
    The term **2BVN-R** typically refers to a specific series of **N-Channel MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors) or, in some contexts, specific SMD (Surface Mount Device) marking codes for high-frequency transistors or voltage regulators. Below is a breakdown of the electronic characteristics and applications generally associated with this part number/marking. --- ## 1. Technical Specifications Most components under the 2BVN designation (often related to the BSS138 series or similar small-signal N-channel MOSFETs) share the following typical parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | N-Channel MOSFET | Logic-level enhancement mode | | **Package Type** | SOT-23 | Small Outline Transistor (Surface Mount) | | **Drain-Source Voltage ($V_{DS}$)** | 50V - 60V | Maximum voltage across drain and source | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | Voltage range to control the gate | | **Continuous Drain Current ($I_D$)** | 300mA - 360mA | Maximum sustained current | | **On-Resistance ($R_{DS(on)}$)** | 1.6Ω - 3.5Ω | Resistance when the transistor is fully "ON" | --- ## 2. Key Features * **Logic Level Drive:** These parts are designed to be triggered by low-voltage signals (like those from an Arduino or Raspberry Pi), making them ideal for interfacing between different voltage levels. * **High-Speed Switching:** Low input capacitance allows the part to turn on and off very quickly. * **Thermal Stability:** Designed to operate reliably under standard consumer and industrial temperature ranges. * **ESD Protection:** Many modern versions include built-in Zener diodes to protect the gate from static electricity. --- ## 3. Common Applications The 2BVN-R series is primarily used for small-signal switching rather than heavy power management. 1. **Level Shifting:** Converting a 3.3V signal to a 5V signal (or vice versa) in communication protocols like I2C or SPI. 2. **Load Switching:** Turning on/off small peripherals like LEDs, relays, or fans. 3. **Signal Conditioning:** Used in the input stages of sensors to protect more sensitive microcontroller pins. 4. **Power Management:** Acting as a "gatekeeper" in battery-powered portable electronics to minimize standby power consumption. --- ## 4. Pin Configuration (SOT-23) Standard configuration for these SMD parts: ```text [ 3 ] <-- Drain | +-------+ | 2BVN | +-------+ | | [ 1 ] [ 2 ] ^ ^ Gate Source ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an N-channel and a P-channel MOSFET?
    • ⤷ Can the 2BVN-R be used for high-power motor control?
    • ⤷ How do I identify the manufacturer of a 2BVN marked component?