Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2CTZ-R

  • AI
    The **2CTZ-R** (often associated with high-performance electronic components or specific series from manufacturers like Vishay or specialized sensor modules) generally refers to a specific configuration of **Zener Diode Networks** or **Transient Voltage Suppressors (TVS)**. Below is a breakdown of the typical electronic characteristics and specifications for parts within this category. --- ### 1. Component Overview The 2CTZ-R series usually belongs to the category of **Voltage Regulation** or **Circuit Protection**. They are designed to stabilize voltage or protect sensitive downstream electronics from power surges. | Feature | Specification | | :--- | :--- | | **Type** | Zener Diode / Voltage Regulator | | **Configuration** | Common Anode or Common Cathode (Dual) | | **Package Type** | Often SOT-23 or TO-92 (SMD/Through-hole) | | **Response Time** | Fast (Nanoseconds) | | **Mounting Style** | Surface Mount (SMD) | --- ### 2. Key Electronic Parameters When evaluating a 2CTZ-R part, engineers look at the following electrical thresholds: * **Vz (Zener Voltage):** The nominal voltage at which the diode begins to conduct in reverse bias. * **Ptot (Power Dissipation):** Usually ranges from 200mW to 500mW, indicating how much heat the part can handle. * **Izk (Knee Current):** The minimum current required to maintain a stable Zener effect. * **Rz (Dynamic Impedance):** An indicator of how well the diode maintains voltage despite fluctuations in current. --- ### 3. Circuit Applications These parts are typically used in the following scenarios: #### A. Voltage Referencing Used in power supplies to provide a stable reference voltage for Analog-to-Digital Converters (ADCs) or Op-Amps. #### B. Overvoltage Protection Acting as a "clamp," the 2CTZ-R diverts excess voltage to the ground when a spike occurs, preventing damage to the Microcontroller (MCU). #### C. Signal Clipping Used in audio or RF circuits to limit the amplitude of a signal to a specific range to prevent distortion in subsequent stages. --- ### 4. Typical Internal Schematic For a dual-type 2CTZ-R (SOT-23 package): ```text Pin 3 (Common) | +----+----+ | | --- --- / \ / \ (Zener Diodes) --- --- | | Pin 1 Pin 2 ``` --- ### 5. Selection Considerations If you are looking for a replacement or designing with this part, consider: 1. **Tolerance:** (e.g., ±5% or ±2%)—determines the precision of the voltage regulation. 2. **Reverse Leakage Current ($I_R$):** Important for battery-powered devices to ensure minimal power draw when the diode is "off." 3. **Temperature Coefficient:** How much the Zener voltage shifts as the component heats up.
    ✨ Follow-up Questions
    • ⤷ What is the specific Zener voltage rating for your version of the 2CTZ-R?
    • ⤷ Do you need a cross-reference for an alternative manufacturer part number?
    • ⤷ Is this being used for power regulation or signal protection?