Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2CTZR-MT-R

  • AI
    Based on the part number provided, **2CTZR-MT-R** refers to a high-frequency, surface-mount (SMT) common mode choke or filter, typically manufactured by companies like **STMicroelectronics** (specifically within the ECMF line) or similar specialized EMI component manufacturers. These parts are designed to protect high-speed data lines from Electromagnetic Interference (EMI) and Electrostatic Discharge (ESD). --- ### 1. Technical Specifications The "2CTZR" series generally focuses on miniaturized common mode filters with integrated ESD protection. Below is a representative specification table for this class of component: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Common Mode Cut-off Frequency** | 500 MHz - 3 GHz | Hz | | **Differential Bandwidth** | Up to 6 GHz | Hz | | **Rated Current** | 100 - 500 | mA | | **DC Resistance (DCR)** | 1.5 - 5.0 | $\Omega$ | | **ESD Protection** | ±8kV (Contact), ±15kV (Air) | Volts | | **Package Size** | 0402 or 0603 (EIA) | Metric | --- ### 2. Core Functions The 2CTZR-MT-R performs two primary roles in an electronic circuit: 1. **Common Mode Filtering:** It suppresses noise that is common to both lines of a differential pair (like USB or HDMI) without degrading the actual high-speed signal. 2. **ESD Suppression:** It features integrated clamping diodes. If a static discharge occurs (e.g., a user touching a port), the component shunts the excess voltage to the ground, protecting the sensitive internal ICs. --- ### 3. Applications Due to its high bandwidth and small footprint, it is commonly used in: * **Mobile Devices:** Smartphones and tablets. * **High-Speed Interfaces:** USB 2.0/3.0, MIPI D-PHY (for cameras/displays), and HDMI. * **Wearables:** Smartwatches and fitness trackers where PCB space is extremely limited. --- ### 4. Circuit Representation In a schematic, this part is represented as a coupled inductor with integrated Zener or TVS diodes connected to the ground. ```text Input D+ ----(Inductor)---- Output D+ ) ( ) ( <-- Magnetic Coupling ) ( Input D- ----(Inductor)---- Output D- | | [ESD Diodes] | | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 2CTZR series?
    • ⤷ How does the differential bandwidth affect signal integrity in USB 3.0 applications?
    • ⤷ What is the physical footprint size in millimeters for the MT-R package?