Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2JS30-R

  • AI
    The **2JS30-R** is a specific electronic component, primarily classified as a **Power Diode** or **Rectifier Diode**, often utilized in high-voltage or industrial power supply applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The "2J" prefix typically identifies its classification within specific manufacturer series (like Sanken or similar power electronics brands), often indicating high-speed or high-voltage capabilities. | Feature | Description | | :--- | :--- | | **Component Type** | Rectifier Diode | | **Configuration** | Single Junction | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | Typically 600V - 1000V (Series dependent) | | **Average Rectified Forward Current ($I_F$)** | 3.0 Amperes | | **Package Type** | Axial Lead (Often DO-201AD or similar) | | **Mounting Type** | Through-Hole | --- ## 2. Key Electronic Characteristics ### A. Forward Voltage Drop ($V_F$) Like most silicon-based power diodes, the 2JS30-R exhibits a forward voltage drop. At its rated current (3A), the $V_F$ is usually between **1.0V and 1.2V**. This results in heat dissipation that must be managed via PCB copper traces or ambient airflow. ### B. Reverse Recovery Time ($t_{rr}$) Depending on the specific suffix (the "S" often denotes "Standard" or "Super Fast"), this diode is designed to switch from a conducting state to a blocking state. If it is a "Fast Recovery" version, it minimizes switching losses in high-frequency circuits. ### C. Surge Current ($I_{FSM}$)$ It is designed to handle high non-repetitive peak surge currents (typically up to **80A - 100A** for a short duration, e.g., 8.3ms), making it robust against initial power-on inrush currents. --- ## 3. Typical Applications The 2JS30-R is commonly found in circuits requiring the conversion of AC to DC or protection against reverse polarity: * **Switching Power Supplies (SMPS):** Used in the output rectification stage. * **DC-DC Converters:** Acts as a freewheeling diode. * **Battery Chargers:** Prevents reverse current flow from the battery to the charger circuit. * **General Purpose Rectification:** Standard bridge or half-wave rectifiers for industrial electronics. --- ## 4. Visual and Mechanical Identification * **Cathode Mark:** Indicated by a color band (usually white or silver) on one end of the cylindrical body. * **Material:** Encapsulated in a flame-retardant epoxy resin. * **Leads:** Tin-plated copper leads for easy soldering.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 2JS30-R diode?
    • ⤷ How does the 'R' suffix change the component's behavior compared to the standard model?
    • ⤷ Can this diode be used in a full-bridge rectifier configuration?