Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2JS4-R

  • AI
    ## Understanding the 2JS4-R Electronic Component The **2JS4-R** is a specific part number typically associated with **SMD (Surface Mount Device) Power Inductors**. These components are fundamental in power management circuits, primarily used for energy storage and filtering. --- ### 1. General Specifications While specific data can vary slightly by manufacturer (such as Sumida or Toko/Murata), the "2JS4" series generally follows these technical parameters: | Characteristic | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Common Inductance Range** | 1.0µH to 47µH (depending on specific sub-code) | | **Operating Temperature** | -40°C to +85°C / +105°C | --- ### 2. Key Features * **Low Profile:** Designed for compact electronic devices where vertical space is limited. * **Magnetic Shielding:** The ferrite construction ensures that the magnetic field is contained, preventing interference with neighboring components on the PCB. * **High Saturation Current:** Engineered to handle significant current peaks without the inductance dropping off sharply. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with RoHS (Restriction of Hazardous Substances) standards. --- ### 3. Common Applications The 2JS4-R is widely utilized in DC-DC conversion circuits. Key applications include: 1. **Consumer Electronics:** Mobile phones, tablets, and digital cameras. 2. **Power Supplies:** Small switching regulators and point-of-load (POL) converters. 3. **Computing:** HDD/SSD power management and laptop motherboards. 4. **Communication:** Portable radio equipment and wireless modules. --- ### 4. Typical Internal Structure The part consists of a **copper wire coil** wound around a **ferrite core**. The entire assembly is encapsulated in a plastic or resin housing with metallic terminals (pads) at the bottom for soldering onto a Printed Circuit Board (PCB). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 2JS4-R variant you are looking at?
    • ⤷ How does magnetic shielding in this inductor prevent EMI?
    • ⤷ What are the footprint dimensions for the 2JS4 series on a PCB?