Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2RMDCL-8-TR

  • AI
    The **2RMDCL-8-TR** belongs to a specific category of passive electronic components, typically classified as a **Gas Discharge Tube (GDT)** or a specialized **Surge Arrestor**. These components are critical for protecting sensitive electronic equipment from voltage transients, such as lightning strikes or industrial power surges. --- ## 1. Component Overview The "2R" prefix usually denotes a **two-electrode** device. These parts are designed to act as a high-impedance (open circuit) under normal operating voltages and switch to a low-impedance (short circuit) when a high-voltage spike occurs. ### Technical Specifications (General Profile) | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Gas Discharge Tube (GDT) | | **Number of Electrodes** | 2 | | **DC Spark-over Voltage** | 800V (Commonly indicated by the '8') | | **Tolerance** | ±20% | | **Form Factor** | SMD (Surface Mount Device) | | **Packaging** | TR (Tape and Reel) | --- ## 2. Key Features * **High Insulation Resistance:** Offers very low leakage current during normal operation, ensuring it does not interfere with the signal or power line. * **Low Capacitance:** Usually < 1.0 pF, making it suitable for high-speed data transmission lines (like Ethernet or DSL) without causing signal distortion. * **Rugged Construction:** Capable of handling high surge currents (often measured in Kilo-Amperes, kA) multiple times before failure. * **Fast Response:** Capable of reacting to transients in nanoseconds. --- ## 3. How It Works The device contains a ceramic tube filled with a specialized noble gas mixture. 1. **Normal State:** The gas acts as an insulator; no current flows. 2. **Trigger State:** When a voltage spike exceeds the **DC Spark-over** limit, the gas ionizes. 3. **Arc State:** The ionized gas creates a conductive path (arc), shunting the excess energy to the ground. 4. **Recovery:** Once the voltage drops below the "holdover" level, the gas de-ionizes and the device returns to its insulating state. --- ## 4. Typical Applications * **Telecommunications:** Protection for telephone lines, modems, and routers. * **Power Supplies:** Input protection for AC/DC converters. * **Industrial:** Protection for RS-485 interfaces and PLC controllers. * **Consumer Electronics:** Surge protection in household appliances. --- ## 5. Circuit Symbol In a schematic, a 2-electrode GDT is represented by a circle containing two plates (electrodes) separated by a gap, often with a small dot inside to indicate the gas filling: ```text | ----- ( . ) ----- | ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a Gas Discharge Tube and a TVS Diode?
    • ⤷ How do I determine the correct Spark-over voltage for my circuit?
    • ⤷ What does the 'TR' suffix signify in electronics procurement?