Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2RS-64-R

  • AI
    The **2RS-64-R** typically refers to a high-density, high-performance **VMEbus (Versatile Backplane Bus)** memory module or a specialized storage carrier board used in embedded computing and industrial automation. Below is a detailed breakdown of its technical characteristics and internal components. --- ## 1. Technical Specifications The 2RS-64-R is designed for rugged environments where data integrity and high-speed access are critical. | Feature | Description | | :--- | :--- | | **Architecture** | VMEbus Standard (usually 6U form factor) | | **Capacity** | 64 Megabytes (MB) of high-speed RAM | | **Interface** | Parallel Bus (VME64 support) | | **Access Time** | Low latency, typically sub-100ns range | | **Reliability** | Built with ECC (Error Correction Code) logic | | **Compliance** | RoHS compliant (indicated by the "-R" suffix) | --- ## 2. Key Electronic Components The board consists of several layers of integrated circuits (ICs) that manage data flow and storage: ### A. Memory Array (DRAM/SRAM) * **Storage Cells:** The heart of the module, consisting of multiple high-density memory chips (often CMOS technology) arranged in banks to reach the 64MB capacity. * **Refresh Circuitry:** Integrated logic to maintain data charge in volatile memory cells. ### B. VMEbus Interface Logic * **Transceivers:** High-speed buffer chips that manage the signal voltage levels between the backplane and the internal memory bus. * **Address Decoders:** Logic gates that identify when the CPU is targeting a specific memory address range on this specific board. ### C. Error Correction & Control (ECC) * **EDAC Controller:** (Error Detection and Correction) A specialized chip or FPGA implementation that calculates parity bits to detect and fix single-bit errors, preventing system crashes in high-radiation or high-interference environments. ### D. Power Management * **Decoupling Capacitors:** Small ceramic capacitors placed near every IC to filter high-frequency noise and provide local energy reservoirs. * **Voltage Regulators:** Converts the standard VME backplane voltages (typically +5V) to the lower voltages required by the modern memory chips (e.g., 3.3V). --- ## 3. Physical & Environmental Attributes The "R" in the part number often signifies **RoHS Compliance**, meaning the electronics are manufactured without lead, mercury, or cadmium. * **Form Factor:** 6U VME (Standard industrial rack size). * **Thermal Management:** Often includes large copper ground planes within the PCB to act as a heat sink. * **Connectors:** High-pin-count DIN 41612 connectors for robust physical connection to the backplane. --- ## 4. Typical Applications 1. **Industrial Automation:** Serving as a buffer for high-speed sensor data. 2. **Military/Aerospace:** Used in legacy mission computers where VME architecture is the standard. 3. **Scientific Research:** Data acquisition systems in particle physics or telecommunications.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the 2RS-64-R module?
    • ⤷ How does VME64 compare to the original VMEbus standard in terms of speed?
    • ⤷ What are the common failure points in VME memory modules?