Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SA1036-R

  • AI
    ## Overview of 2SA1036-R The **2SA1036-R** is a Silicon PNP Epitaxial Planar Transistor designed primarily for general-purpose amplification and high-frequency switching applications. It is commonly found in a small SOT-23 surface-mount package, making it ideal for compact electronic circuits. --- ### 1. Key Technical Specifications The following table summarizes the absolute maximum ratings and electrical characteristics of the 2SA1036-R: | Parameter | Symbol | Value | Unit | |:---|:---:|:---:|:---:| | **Collector-Base Voltage** | $V_{CBO}$ | -40 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -32 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V | | **Collector Current** | $I_C$ | -500 | mA | | **Collector Power Dissipation** | $P_C$ | 200 | mW | | **DC Current Gain** (R Rank) | $h_{FE}$ | 180 to 390 | - | | **Transition Frequency** | $f_T$ | 200 | MHz | --- ### 2. Physical Characteristics & Pinout The device typically uses the **SOT-23** (or SC-59) package. The pin configuration is standardized as follows: 1. **Base (B):** Controls the current flow between Collector and Emitter. 2. **Emitter (E):** The source of charge carriers (holes for PNP). 3. **Collector (C):** The output terminal. --- ### 3. Features & Classification * **Low Saturation Voltage:** Typically $V_{CE(sat)} = -0.4V$ (Max) at $I_C = -100mA$. * **High Transition Frequency:** With a $200 MHz$ $f_T$, it performs well in high-frequency signal processing. * **Complementary Pair:** Its NPN counterpart is often the **2SC2411-R**. * **Gain Ranking:** The "R" suffix specifically denotes the DC current gain ($h_{FE}$) range of **180 - 390**. Other variants might include Q (120-270) or S (270-560). --- ### 4. Common Applications The 2SA1036-R is widely used in the following scenarios: * **Signal Amplification:** Boosting weak audio or RF signals. * **Switching:** Acting as a digital switch in low-power circuits (driving LEDs or small relays). * **Driving Stages:** Used in the intermediate stages of power amplifiers. * **Portable Devices:** Due to its small footprint and low power consumption. --- ### 5. Equivalent Replacement Parts If the 2SA1036-R is unavailable, the following transistors are often suitable substitutes (ensure you check pinouts): ```markdown - BC807 (PNP, higher current capability) - 2SA1162 (Commonly used in similar SOT-23 designs) - MMBT3906 (General purpose PNP, though specs vary slightly) - 2SA1586 (Ultra-small package alternative) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and S gain rankings for this transistor?
    • ⤷ Can the 2SA1036-R be used in 5V logic switching applications?
    • ⤷ What are the specific thermal management considerations for the SOT-23 package?